Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFBR-RXXYYYZ Datasheet(PDF) 5 Page - Broadcom Corporation.

Part # HFBR-RXXYYYZ
Description  Plastic Optical Fiber Cable and Accessories for Versatile Link
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HFBR-RXXYYYZ Datasheet(HTML) 5 Page - Broadcom Corporation.

  HFBR-RXXYYYZ Datasheet HTML 1Page - Broadcom Corporation. HFBR-RXXYYYZ Datasheet HTML 2Page - Broadcom Corporation. HFBR-RXXYYYZ Datasheet HTML 3Page - Broadcom Corporation. HFBR-RXXYYYZ Datasheet HTML 4Page - Broadcom Corporation. HFBR-RXXYYYZ Datasheet HTML 5Page - Broadcom Corporation. HFBR-RXXYYYZ Datasheet HTML 6Page - Broadcom Corporation. HFBR-RXXYYYZ Datasheet HTML 7Page - Broadcom Corporation. HFBR-RXXYYYZ Datasheet HTML 8Page - Broadcom Corporation. HFBR-RXXYYYZ Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Step-by-Step Plastic Cable Connectoring Instructions
The following step-by-step guide describes how to termi-
nate plastic fiber optic cable. It is ideal for both field and
factory installation. Connectors can be easily installed
on cable ends with wire strippers, cutters and a crimping
tool.
Finishing the cable is accomplished with the Broadcom
AFBR-4594ZPolishingKit,consistingofaPolishingFixture,
600 grit abrasive paper and 3 µm pink lapping film (3M
Company, OC3-14). The connector can be used immedi-
ately after polishing.
Materials needed for plastic fiber termination are:
1. Broadcom Plastic Optical Fiber Cable (Example: HFBR-
RUS500Z, HFBR-RUD500Z, HFBR-EUS500Z, or HFBR-
EUD500Z)
2. Industrial Razor Blade or Wire Cutters
3. 16 Gauge Latching Wire Strippers (Example: Ideal
StripmasterTM type 45-092).
4. HFBR-4597Z Crimping Tool
5. AFBR-4594Z Polishing Kit
6. One of the following connectors:
a) HFBR-4501Z/4503Z Gray Simplex/Simplex Latching
Connector and HFBR-4525Z Simplex Crimp Ring
b) HFBR-4511Z/4513Z Blue Simplex/Simplex Latching
Connector and HFBR-4525Z Simplex Crimp Ring
c)HFBR-4506ZParchment(off-white)DuplexConnector
and HFBR-4526Z Duplex Crimp Ring
d) HFBR-4516Z Gray Latching Duplex Connector and
HFBR-4526Z Duplex Crimp Ring
Step 1
The zip cord structure of the duplex cable permits easy
separation of the channels.The channels should be sepa-
rated a minimum of 100 mm (4 in) to a maximum of 150
mm (6 in) back from the ends to permit connectoring
and polishing.
After cutting the cable to the desired length, strip off
approximately 7 mm (0.3 in.) of the outer jacket with the
16 gauge wire strippers. Excess webbing on the duplex
cable may have to be trimmed to allow the simplex or
simplex latching connector to slide over the cable.
When using the duplex connector and duplex cable, the
separated duplex cable must be stripped to equal lengths
on each cable. This allows easy and proper seating of the
cable into the duplex connector.
Step 2
Place the crimp ring and connector over the end of the
cable; the fiber should protrude about 3 mm (0.12 in.)
through the end of the connector. Carefully position the
ring so that it is entirely on the connector with the rim of
the crimp ring flush with the connector, leaving a small
space between the crimp ring and the flange.Then crimp
the ring in place with the crimping tool. One crimp tool is
used for all POF connector crimping requirements.
For applications with extreme temperature operation
or frequent temperature cycling, improved connector
to cable attachment can be achieved with the use of an
RTV (GE Company, RTV-128 or Dow Corning 3145-RTV)
adhesive. The RTV is placed into the connector prior to
insertion of the fiber and the fiber is crimped normally.
The connector can be polished after the RTV has cured
and is then ready for use.
Note: By convention, place the gray connector on the trans­
mittercableendandtheblueconnectoronthereceivercable
end to maintain color coding (different color connectors are
mechanically identical).
Simplex connector crimp rings cannot be used with duplex
connectors and duplex connector crimp rings cannot be
used with simplex connectors because of size differences.
The simplex crimp has a dull luster appearance; the duplex
ring is glossy and has a thinner wall.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com