Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMUX1000L Datasheet(PDF) 2 Page - STMicroelectronics

Part # STMUX1000L
Description  GIGABIT LAN ANALOG SWITCH 16-BIT TO 8-BIT MULTIPLEXER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMUX1000L Datasheet(HTML) 2 Page - STMicroelectronics

  STMUX1000L Datasheet HTML 1Page - STMicroelectronics STMUX1000L Datasheet HTML 2Page - STMicroelectronics STMUX1000L Datasheet HTML 3Page - STMicroelectronics STMUX1000L Datasheet HTML 4Page - STMicroelectronics STMUX1000L Datasheet HTML 5Page - STMicroelectronics STMUX1000L Datasheet HTML 6Page - STMicroelectronics STMUX1000L Datasheet HTML 7Page - STMicroelectronics STMUX1000L Datasheet HTML 8Page - STMicroelectronics STMUX1000L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
STMUX1000L
2/9
Figure 2: Input Equivalent Circuit
Table 2: Pin Description
PIN N°
SYMBOL
NAME AND FUNCTION
2, 3, 7, 8, 11, 12, 14, 15
A, B, C, D, E, F, G, H
8 Bit Bus
48, 47, 43, 42, 37, 36, 32, 31
A0, B0, C0, D0, E0, F0, G0, H0
8 Bit Multiplexed to Bus 0
46, 45, 41, 40, 35, 34, 30, 29
A1, B1, C1, D1, E1, F1, G1, H1
8 Bit Multiplexed to Bus 1
5
N/C
Not Connected
17
SEL
BUS and LED Switch Selection
19, 20, 54
LED1, LED2, LED3
LED Switch Input
22, 23, 25, 26, 51, 52
LED1_0, LED2_0, LED1_1,
LED2_1, LED3_0, LED3_1
LED Switch Output
4, 10, 18, 27, 38, 50, 56
VDD
Supply Voltage
1, 6, 9, 13, 16, 21, 24, 28,
33, 39, 44, 49, 53, 55
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com