Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMUX1000L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STMUX1000L
Description  GIGABIT LAN ANALOG SWITCH 16-BIT TO 8-BIT MULTIPLEXER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMUX1000L Datasheet(HTML) 1 Page - STMicroelectronics

  STMUX1000L Datasheet HTML 1Page - STMicroelectronics STMUX1000L Datasheet HTML 2Page - STMicroelectronics STMUX1000L Datasheet HTML 3Page - STMicroelectronics STMUX1000L Datasheet HTML 4Page - STMicroelectronics STMUX1000L Datasheet HTML 5Page - STMicroelectronics STMUX1000L Datasheet HTML 6Page - STMicroelectronics STMUX1000L Datasheet HTML 7Page - STMicroelectronics STMUX1000L Datasheet HTML 8Page - STMicroelectronics STMUX1000L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
May 2005
I
LOW RON: 5.5 Ω TYPICAL
I
VCC OPERATING RANGE: 3.0 TO 3.6 V
I
LOW CURRENT CONSUMPTION: 20 µA
I
ESD HBM MODEL: > 2 KV
I
CHANNEL ON CAPACITANCE: 7.5 pF
TYPICAL
I
SWITCHING TIME SPEED: 9 ns
I
NEAR TO ZERO PROPAGATION DELAY:
250 ps
I
VERY LOW CROSS TALK: -40 dB AT
250MHz
I
BIT TO BIT SKEW: 200 ps
I
> 450 MHZ -3db TYPICAL BANDWIDTH
I
THREE SWITCH S.P.D.T FOR LED
SUPPORTING
I
PACKAGE: QFN56
I
Pb FREE
DESCRIPTION
The STMUX1000L is a 16 to 8 Bit multiplexer/
demultiplexer low RON bidirectional LAN Switch
designed for various standard, such as 10/100/
1000 Ethernet.
It is designed for very low Cross Talk, low bit to bit
skew and low I/O capacitance.
The differential signal from the Gigabit Ethernet
Transceiver is multiplexed in one of two selected
output while the unselected switch go to Hi-Z
status.
The
device
integrates
three
16
Ω switches,
S.P.D.T. (Single Pole Dual Throw Channel), for
LED supporting.
STMUX1000L
GIGABIT LAN ANALOG SWITCH
16-BIT TO 8-BIT MULTIPLEXER
Figure 1: Pin Connection (Top Through View)
Table 1: Order Codes
PACKAGE
T & R
QFN
STMUX1000LQTR
QFN56
Rev. 2


Similar Part No. - STMUX1000L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMUX1800E STMICROELECTRONICS-STMUX1800E Datasheet
322Kb / 26P
16-bit to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
09-Nov-2011
STMUX1800EQTR STMICROELECTRONICS-STMUX1800EQTR Datasheet
322Kb / 26P
16-bit to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
09-Nov-2011
STMUX1800L STMICROELECTRONICS-STMUX1800L Datasheet
509Kb / 21P
16- to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
22-Jun-2009
STMUX1800LQTR STMICROELECTRONICS-STMUX1800LQTR Datasheet
509Kb / 21P
16- to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
22-Jun-2009
More results

Similar Description - STMUX1000L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3L301D PERICOM-PI3L301D Datasheet
426Kb / 9P
3.3V, 16-Bit to 8-Bit, Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable
logo
Texas Instruments
TS3L500 TI-TS3L500 Datasheet
330Kb / 15P
16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L500AE TI-TS3L500AE Datasheet
579Kb / 19P
16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500AE TI-TS3L500AE_08 Datasheet
476Kb / 17P
16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L4892 TI-TS3L4892 Datasheet
630Kb / 18P
16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L500AE TI-TS3L500AE_10 Datasheet
458Kb / 17P
16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500 TI-TS3L500_10 Datasheet
663Kb / 19P
16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L501E TI-TS3L501E Datasheet
273Kb / 14P
16-BIT TO 8-BIT MULTIPLEXER/DEMULTIPLEXER GIGABIT ETHERNET LAN SWITCH WITH POWER DOWN MODE
TS3L501E TI-TS3L501E Datasheet
273Kb / 14P
16-BIT TO 8-BIT MULTIPLEXER/DEMULTIPLEXER GIGABIT ETHERNET LAN SWITCH WITH POWER DOWN MODE
logo
Pericom Semiconductor C...
PI3L301D PERICOM-PI3L301D_13 Datasheet
511Kb / 8P
3.3V, 16-Bit to 8-Bit, Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com