Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMUX1000L Datasheet(PDF) 3 Page - STMicroelectronics

Part # STMUX1000L
Description  GIGABIT LAN ANALOG SWITCH 16-BIT TO 8-BIT MULTIPLEXER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMUX1000L Datasheet(HTML) 3 Page - STMicroelectronics

  STMUX1000L Datasheet HTML 1Page - STMicroelectronics STMUX1000L Datasheet HTML 2Page - STMicroelectronics STMUX1000L Datasheet HTML 3Page - STMicroelectronics STMUX1000L Datasheet HTML 4Page - STMicroelectronics STMUX1000L Datasheet HTML 5Page - STMicroelectronics STMUX1000L Datasheet HTML 6Page - STMicroelectronics STMUX1000L Datasheet HTML 7Page - STMicroelectronics STMUX1000L Datasheet HTML 8Page - STMicroelectronics STMUX1000L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STMUX1000L
3/9
Table 3: Lan Switch Function Table
Table 4: Led Switch Function Table
Table 5: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied.
(*) If not exceed the max limit of PD.
Table 6: DC Electrical Characteristics For Gigabit Ethernet LAN8/16MUX/DEMUX
(TA = -40 to 85°C, VCC = 3.3V ±10%)
Note 1: Measured by voltage drop between Channels @ indicated current trough the switch. On-Resistance is determinate by the lower the
voltage on the two.
Note 2: Flatness is defined as the difference the RONMAX and RONMIN of On-Resistance over the specified range condition.
Note 3:
∆RON measured @ same VCC, temperature and voltage level.
SE
FUNCTION
L
8 Bit Bus to 8 Bit Multiplexed Bus 0
H
8 Bit Bus to 8 Bit Multiplexed Bus 1
SE
FUNCTION
L
Led Switch Input connected to Led Switch Output X_0
H
Led Switch Input connected to Led Switch Output X_1
Symbol
Parameter
Value
Unit
VCC
Supply Voltage to Ground
-0.5 to 4
V
VI
DC Input Voltage
-0.5 to 4
V
VIC
DC Control Input Voltage
-0.5 to 4
V
IO
DC Output Current (*)
120
mA
PD
Power Dissipation
0.5
W
Tstg
Storage Temperature
-65 to 150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIH
Voltage Input High
High Level Guaranteed
2V
VIL
Voltage Input Low
Low Level Guaranteed
-0.5
0.8
V
VIK
Clamp Diode Voltage
VCC = 3.6V, IIN = -18mA
-0.8
-1.2
V
IIH
Input High Current
VCC = 3.6V, VIN = VCC
±5
µA
IIL
Input Low Current
VCC = 3.6V, VIN = GND
±5
µA
IOFF
Power Down Leakage Current
VCC = 0V, A to H V = 0V,
A0 to H0 and A1 to H1
≤ 3.6V
±5
µA
RON
Switch ON Resistance (1)
VCC = 3.0 V, VIN = 1.5 to VCC
IIN = -40mA
5.5
7.5
Ω
RFLAT ON Resistance FLATNESS
(1, 2)
VCC = 3.0 V, VIN @ 1.5 and VCC
IIN = -40mA
0.8
Ω
∆RON ON Resistance Match between
channel
∆RON = RONMAX-RONMIN (1,3)
VCC = 3.0 V, VIN = 1.5 to VCC
IIN = -40mA
0.5
1
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com