Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMUX1000L Datasheet(PDF) 5 Page - STMicroelectronics

Part # STMUX1000L
Description  GIGABIT LAN ANALOG SWITCH 16-BIT TO 8-BIT MULTIPLEXER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMUX1000L Datasheet(HTML) 5 Page - STMicroelectronics

  STMUX1000L Datasheet HTML 1Page - STMicroelectronics STMUX1000L Datasheet HTML 2Page - STMicroelectronics STMUX1000L Datasheet HTML 3Page - STMicroelectronics STMUX1000L Datasheet HTML 4Page - STMicroelectronics STMUX1000L Datasheet HTML 5Page - STMicroelectronics STMUX1000L Datasheet HTML 6Page - STMicroelectronics STMUX1000L Datasheet HTML 7Page - STMicroelectronics STMUX1000L Datasheet HTML 8Page - STMicroelectronics STMUX1000L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STMUX1000L
5/9
Table 9: Capacitance Lan 8/16 MUX/DEMUX (TA = 25°C, f = 1 MHz)
Note 4: x = A to H, x0 = A0 to H0, x1 = A1 to H1.
Table 10: Capacitance Led Switches (TA = 25°C, f = 1 MHz)
Table 11: Power Supply Characteristics (TA = -40 to 85°C)
Table 12: LAN 8/16 MUX/DEMUX Dynamic Electrical CharacteristicS
(TA = -40 to 85°C, VCC = 3.3V ±10%)
Table 13: LAN 8/16 MUX/DEMUX Switching Characteristics
(TA = -40 to 85°C, VCC = 3.3V ±10%)
Note 4: x = A to H, x0 = A0 to H0, x1 = A1 to H1.
Table 14: Three Channel Switches Switching Characteristics
(TA = -40 to 85°C, VCC = 3.3V ±10%)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
CIN
Input Capacitance (Note 4)
VIN = 0 V
23
pF
COFF
Port x0 to Port x1, Switch Off
(Note 4)
VIN = 0 V
46
pF
CON
Capacitance Switch On (x to x0
or x to x1) (Note 4)
VIN = 0 V
7.5
11
pF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0 V
10
pF
COFF
Port x0 to Port x1, Switch Off
VIN = 0 V
410
pF
CON
Capacitance Switch On
VIN = 0 V
11
20
pF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICC
Quiescent Power Supply
VCC = 3.6 V, VIN = VCC or GND
150
500
µA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Xtalk
Cross-Talk
RL= 100 Ω, f = 250 MHz
-40
dB
OIRR
Off Isolation
RL= 100 Ω, f = 250 MHz
-36
dB
BW
-3dB Bandwidth
RL= 100 Ω
450
MHz
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tPD
Propagation Delay
VCC = 3 V to 3.6 V
0.25
ns
tPZH,
tPZL
Line Enable Time, SE to x to x0
or x to x1
VCC = 3 V to 3.6 V
0.5
6.5
9
ns
tPHZ,
tPLZ
Line Disable Time, SE to x to
x0 or x to x1
VCC = 3 V to 3.6 V
0.5
6.5
8.5
ns
tSK(O)
Output Skew between center
port to any other port
VCC = 3 V to 3.6 V
0.1
0.2
ns
tSK(P)
Skew between opposite
transition of the same output
(tPHL, tPLH)
VCC = 3 V to 3.6 V
0.1
0.2
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tON
Propagation Delay
VCC = 3 V to 3.6 V
50
ns
tOFF
Propagation Delay
VCC = 3 V to 3.6 V
30
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com