Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81100AT Datasheet(PDF) 7 Page - STMicroelectronics

Part # STW81100AT
Description  MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81100AT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STW81100AT Datasheet HTML 3Page - STMicroelectronics STW81100AT Datasheet HTML 4Page - STMicroelectronics STW81100AT Datasheet HTML 5Page - STMicroelectronics STW81100AT Datasheet HTML 6Page - STMicroelectronics STW81100AT Datasheet HTML 7Page - STMicroelectronics STW81100AT Datasheet HTML 8Page - STMicroelectronics STW81100AT Datasheet HTML 9Page - STMicroelectronics STW81100AT Datasheet HTML 10Page - STMicroelectronics STW81100AT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7/23
STW81100
Note 1):
Phase Noise SSB.
VCO amplitude set to maximum value [11].
The phase noise is measured with the Agilent E5052A Signal Source Analyzer.
All the closed-loop performances are specified using a Reference Clock signal at 19.2 MHz with phase noise of -141dBc/Hz
@1KHz offset and -146dBc/Hz @10KHz offset. All figures are guaranteed by design and characterization.
Note 2):
Normalized PN = Measured PN - 20log(N) - 10log(fcomp) where N is the VCO divider ratio (N=B*P+A) and fcomp is the compar-
ison frequency at the PFD input
Parameter
Test Condition
Min
Typ
Max
Units
VCO B with divider by 2 (1900MHz-2200MHz) – Open Loop
Phase Noise @ 1 KHz
-61
-58
dBc/Hz
Phase Noise @ 10 KHz
-88
-85
dBc/Hz
Phase Noise @ 100 KHz
-110
-107
dBc/Hz
Phase Noise @ 1 MHz
-133
-130
dBc/Hz
Phase Noise @ 10MHz
-150
-148
dBc/Hz
Phase Noise @ 20MHz
-152
-150
dBc/Hz
Phase Noise Floor @ 40 MHz
-153
-151
dBc/Hz
VCO A with divider by 4 (820MHz-975MHz) – Open Loop
Phase Noise @ 1 KHz
-68
-65
dBc/Hz
Phase Noise @ 10 KHz
-95
-92
dBc/Hz
Phase Noise @ 100 KHz
-117
-114
dBc/Hz
Phase Noise @ 1 MHz
-139
-136
dBc/Hz
Phase Noise @ 10MHz
-151
-149
dBc/Hz
Phase Noise Floor @ 40 MHz
-153
-151
dBc/Hz
VCO B with divider by 4 (950MHz-1100MHz) – Open Loop
Phase Noise @ 1 KHz
-67
-64
dBc/Hz
Phase Noise @ 10 KHz
-94
-91
dBc/Hz
Phase Noise @ 100 KHz
-116
-113
dBc/Hz
Phase Noise @ 1 MHz
-138
-135
dBc/Hz
Phase Noise @ 10MHz
-151
-149
dBc/Hz
Phase Noise Floor @ 40 MHz
-153
-151
dBc/Hz
Table 7. (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com