Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81100AT Datasheet(PDF) 18 Page - STMicroelectronics

Part # STW81100AT
Description  MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81100AT Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STW81100AT Datasheet HTML 14Page - STMicroelectronics STW81100AT Datasheet HTML 15Page - STMicroelectronics STW81100AT Datasheet HTML 16Page - STMicroelectronics STW81100AT Datasheet HTML 17Page - STMicroelectronics STW81100AT Datasheet HTML 18Page - STMicroelectronics STW81100AT Datasheet HTML 19Page - STMicroelectronics STW81100AT Datasheet HTML 20Page - STMicroelectronics STW81100AT Datasheet HTML 21Page - STMicroelectronics STW81100AT Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
STW81100
18/23
Table 16.
Table 17. Functional_Mode
FUNCTIONAL_MODE register is used to select different functional mode for the STW81100 synthesizer
according to the following table:
Table 18.
Table 19. B_COUNTER
B[8:1] Counter value (bit B0 in the next register)
HEX CODE
DEC CODE
DESCRIPTION
0x00
0
FUNCTIONAL_MODE
0x01
1
B_COUNTER
0x02
2
A_COUNTER
0x03
3
REF_DIVIDER
0x04
4
CALIBRATION
0x05
5
CONTROL
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
PD7PD6
PD5PD4
PD3PD2
PD1PD0
Decimal value
Description
0
Power down mode
1
Enable VCO A, output frequency divided by 2
2
Enable VCO B, output frequency divided by 2
3
Enable external VCO, output frequency divided by 2
4
Enable VCO A, output frequency divided by 4
5
Enable VCO B, output frequency divided by 4
6
Enable external VCO, output frequency divided by 4
7
Enable VCO A, direct output
8
Enable VCO B, direct output
9
Enable external VCO, direct output
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
B8
B7
B6
B5
B4
B3
B2
B1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com