Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81100AT Datasheet(PDF) 19 Page - STMicroelectronics

Part # STW81100AT
Description  MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81100AT Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STW81100AT Datasheet HTML 15Page - STMicroelectronics STW81100AT Datasheet HTML 16Page - STMicroelectronics STW81100AT Datasheet HTML 17Page - STMicroelectronics STW81100AT Datasheet HTML 18Page - STMicroelectronics STW81100AT Datasheet HTML 19Page - STMicroelectronics STW81100AT Datasheet HTML 20Page - STMicroelectronics STW81100AT Datasheet HTML 21Page - STMicroelectronics STW81100AT Datasheet HTML 22Page - STMicroelectronics STW81100AT Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
19/23
STW81100
Table 20. A_COUNTER
Bit B0 for B Counter, A Counter value and bit R8 for Reference divider.
Table 21. REF_DIVIDER
Reference Clock divider ratio R[7:0] (bit R8 in the previous register).
The LO output frequency is programmed by setting the proper value for A,B and R according to the fol-
lowing formula:
Table 22. Calibration
This register controls VCO calibrator.
INITCAL: resets the auto-calibrator State Machine (writing to “1” and back to “0”)
SERCAL: at “1” starts the VCO auto-calibration (should be reset to “0” at the end of calibration)
SELEXTCAL: at “1” selects control word EXTCAL[4:0] for the VCO
EXTCAL[4:0]: control word for the VCO
Table 23. CONTROL
The CONTROL register is used to set the VCO output voltage amplitude and the Charge Pump Current.
PLL_A[1:0]: VCO amplitude
CPSEL[2:0]: Charge Pump output current
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
B0
A5
A4
A3
A2
A1
A0
RS
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
R7
R6
R5
R4
R3
R2
R1
R0
1
for Direct Output
where DR equals
0.5
for Output Divided by 2
0.25
for Output Divided by 4
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
INIT CAL
SER CAL
SEL EXT CAL
CAL 0
CAL 1
CAL 2
CAL 3
CAL 4
b7
b6
b5
b4
b3
b2
b1
b0
PLL_A0
PLL_A1
CP SEL 0
CP SEL 1
CP SEL 2
NA
NA
NA
F
OUT
D
R
B64
A
+
⋅
()
F
RE F_CLK
R
--------------------------
⋅⋅
=
{



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com