Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81100AT Datasheet(PDF) 4 Page - STMicroelectronics

Part # STW81100AT
Description  MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81100AT Datasheet(HTML) 4 Page - STMicroelectronics

  STW81100AT Datasheet HTML 1Page - STMicroelectronics STW81100AT Datasheet HTML 2Page - STMicroelectronics STW81100AT Datasheet HTML 3Page - STMicroelectronics STW81100AT Datasheet HTML 4Page - STMicroelectronics STW81100AT Datasheet HTML 5Page - STMicroelectronics STW81100AT Datasheet HTML 6Page - STMicroelectronics STW81100AT Datasheet HTML 7Page - STMicroelectronics STW81100AT Datasheet HTML 8Page - STMicroelectronics STW81100AT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
STW81100
4/23
Table 3. Absolute Maximum Ratings
Table 4. Operating Conditions
Table 5. Digital Logic Level
4
Electrical Characteristcs
All Electrical Specifications are intended at 3.3V supply voltage.
Symbol
Parameter
Values
Unit
AVCC
Analog Supply voltage
0 to 4.6
V
DVCC
Digital Supply voltage
0 to 4.6
V
Tstg
Storage temperature
+150
°C
ESD
Electrical Static Discharge
- HBM
- CDM-JEDEC Standard
2
0.5
KV
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
AVCC
Analog Supply voltage
3.0
3.3
3.6
V
DVCC
Digital Supply voltage
3.0
3.3
3.6
V
ICC
Current Consumption
100
mA
Tamb
Operating ambient temperature
-40
85
°C
Tj
Maximum junction temperature
125
°C
Rth j-a
Junction to ambient package thermal
resistance
Multilayer JEDEC board
35
°C/W
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Vil
Low level input voltage
0.2*Vdd
V
Vih
High level input voltage
0.8*Vdd
V
Vhyst
Schmitt trigger hysteresis
0.8
V
Vol
Low level output voltage
0.4
V
Voh
High level output voltage
0.85*Vdd
V
Table 6. Electrical Characteristcs
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
REFERENCE
fref
Reference input frequency
10
19.2
100
MHz
Reference input sensitivity
0.35
1
1.5
Vpeak
fcomp
Comparison frequency
200
400
10000
KHz
fstep
Frequency step
LO direct output
200
400
10000
KHz
LO with Divider by 2
100
200
5000
KHz
LO with Divider by 4
50
100
2500
KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com