Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1302BIPVMFTR Datasheet(PDF) 23 Page - Microchip Technology

Part # TC1302BIPVMFTR
Description  LOW QUIESCENT CURRENT DUAL OUTPUT LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1302BIPVMFTR Datasheet(HTML) 23 Page - Microchip Technology

Back Button TC1302BIPVMFTR Datasheet HTML 18Page - Microchip Technology TC1302BIPVMFTR Datasheet HTML 19Page - Microchip Technology TC1302BIPVMFTR Datasheet HTML 20Page - Microchip Technology TC1302BIPVMFTR Datasheet HTML 21Page - Microchip Technology TC1302BIPVMFTR Datasheet HTML 22Page - Microchip Technology TC1302BIPVMFTR Datasheet HTML 23Page - Microchip Technology TC1302BIPVMFTR Datasheet HTML 24Page - Microchip Technology TC1302BIPVMFTR Datasheet HTML 25Page - Microchip Technology TC1302BIPVMFTR Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
© 2005 Microchip Technology Inc.
DS21333B-page 23
TC1302A/B
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
TC1302A: Dual Output LDO with Single Shutdown input.
TC1302B: Dual Output LDO with Dual Shutdown Inputs.
Standard
Configurations: *
VOUT1/VOUT2
Configuration
Code
TC1302A
3.0/1.65
DT
TC1302B
3.0/1.65
2.6/1.8
2.5/1.8
DT
HP
IP
* Contact Factory for Alternate Output Voltage
Configurations.
Temperature Range:
V
=
-40°C to +125°C
Package:
MF
= Dual Flat, No Lead (3x3 mm body), 8-lead
UA
= Plastic Micro Small Outline (MSOP), 8-lead
Tube or
Tape and Reel:
Blank
= Tube
TR
= Tape and Reel
Examples:
a)
TC1302ADTVMF:
3.0, 1.65,
8LD DFN pkg.
a)
TC1302BDTVMF:
3.0, 1.65,
8LD DFN pkg.
b)
TC1302BHPVMFTR:
2.6, 1.8,
8LD DFN pkg,
Tape and Reel.
c)
TC1302BIPVUA:
2.5, 1.8,
8LD MSOP pkg.
PART NO.
X-
X
VOUT1
Type
A/B
TC1302
X
VOUT2
X
Temp
Range
XX
Package
XX
Tube
or
Tape &
Reel
Standard
Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com