Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1302BIPVMFTR Datasheet(PDF) 19 Page - Microchip Technology

Part # TC1302BIPVMFTR
Description  LOW QUIESCENT CURRENT DUAL OUTPUT LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1302BIPVMFTR Datasheet(HTML) 19 Page - Microchip Technology

Back Button TC1302BIPVMFTR Datasheet HTML 15Page - Microchip Technology TC1302BIPVMFTR Datasheet HTML 16Page - Microchip Technology TC1302BIPVMFTR Datasheet HTML 17Page - Microchip Technology TC1302BIPVMFTR Datasheet HTML 18Page - Microchip Technology TC1302BIPVMFTR Datasheet HTML 19Page - Microchip Technology TC1302BIPVMFTR Datasheet HTML 20Page - Microchip Technology TC1302BIPVMFTR Datasheet HTML 21Page - Microchip Technology TC1302BIPVMFTR Datasheet HTML 22Page - Microchip Technology TC1302BIPVMFTR Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
© 2005 Microchip Technology Inc.
DS21333B-page 19
TC1302A/B
8-Lead Plastic Dual Flat No Lead Package (MF) 3x3x0.9 mm Body (DFN)
E2
D
Dimensions D and E do not include mold flash or protrusions. Mold flash or protrusions shall not
Exposed Pad Width
Exposed Pad Length
Lead Length
*Controlling Parameter
Lead Width
Drawing No. C04-062
Notes:
Exposed pad dimensions vary with paddle size.
exceed .010" (0.254mm) per side.
Overall Width
D2
E2
L
b
D
.019
.012
.007
.047
.055
.010
.118 BSC
A1
Number of Pins
Standoff
Lead Thickness
Overall Length
Overall Height
Pitch
A
A3
p
n
Units
A
A1
E
A3
Dimension Limits
8
.000
.001
.008 REF.
.118 BSC
.031
.026 BSC
MIN
INCHES
NOM
TOP VIEW
EXPOSED
METAL
PAD
0.48
0.26
3.00 BSC
0.30
.022
.069
.015
.096
0.23
1.20
1.39
0.55
0.37
1.75
2.45
0.02
0.80
3.00 BSC
0.20 REF.
0.65 BSC
MILLIMETERS*
.002
.039
0.00
MIN
MAX
NOM
8
0.05
1.00
MAX
BOTTOM VIEW
2
1
ID INDEX
PIN 1
E
L
D2
p
b
n
3.
4.
Package may have one or more exposed tie bars at ends.
1.
AREA
Pin 1 visual index feature may vary, but must be located within the hatched area.
2.
(NOTE 2)
TIE BAR
(NOTE 1)
EXPOSED
0.90
.035
(Note 4)
(Note 4)
5. JEDEC equivalent: Pending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com