Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1302BIPVMFTR Datasheet(PDF) 14 Page - Microchip Technology

Part # TC1302BIPVMFTR
Description  LOW QUIESCENT CURRENT DUAL OUTPUT LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1302BIPVMFTR Datasheet(HTML) 14 Page - Microchip Technology

Back Button TC1302BIPVMFTR Datasheet HTML 10Page - Microchip Technology TC1302BIPVMFTR Datasheet HTML 11Page - Microchip Technology TC1302BIPVMFTR Datasheet HTML 12Page - Microchip Technology TC1302BIPVMFTR Datasheet HTML 13Page - Microchip Technology TC1302BIPVMFTR Datasheet HTML 14Page - Microchip Technology TC1302BIPVMFTR Datasheet HTML 15Page - Microchip Technology TC1302BIPVMFTR Datasheet HTML 16Page - Microchip Technology TC1302BIPVMFTR Datasheet HTML 17Page - Microchip Technology TC1302BIPVMFTR Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
TC1302A/B
DS21333B-page 14
© 2005 Microchip Technology Inc.
6.0
APPLICATION CIRCUITS/
ISSUES
6.1
Typical Application
The TC1302A/B is used for applications that require
the integration of two LDOs.
FIGURE 6-1:
Typical Application Circuit
TC1302A/B.
6.1.1
APPLICATION INPUT CONDITIONS
6.2
Power Calculations
6.2.1
POWER DISSIPATION
The internal power dissipation within the TC1302A/B is
a function of input voltage, output voltage, output
current and quiescent current. The following equation
can be used to calculate the internal power dissipation
for each LDO.
EQUATION 6-1:
In addition to the LDO pass element power dissipation,
there is power dissipation within the TC1302A/B as a
result of quiescent or ground current. The power
dissipation, as a result of the ground current, can be
calculated using the following equation.
EQUATION 6-2:
The total power dissipated within the TC1302A/B is the
sum of the power dissipated in both of the LDOs and
the P(IGND) term. Because of the CMOS construction,
the typical IGND for the TC1302A/B is 116 µA.
Operating at a maximum of 4.2V results in a power
dissipation of 0.5 milliWatts. For most applications, this
is small compared to the LDO pass device power dissi-
pation and can be neglected.
The
maximum
continuous
operating
junction
temperature specified for the TC1302A/B is +125°C. To
estimate the internal junction temperature of the
TC1302A/B, the total internal power dissipation is
multiplied by the thermal resistance from junction to
ambient (R
θJA) of the device. The thermal resistance
from junction-to-ambient for the 3x3DFN8 pin package
is estimated at 41° C/W.
EQUATION 6-3:
Package Type = 3x3DFN8
Input Voltage Range = 2.7V to 4.2V
VIN maximum = 4.2V
VIN typical = 3.6V
VOUT1 = 300 mA maximum
VOUT2 = 150 mA maximum
8
4
1
2
3
NC
GND
NC
BATTERY
COUT1
1µF Ceramic
X5R
CIN
1µF
TC1302A
COUT2
1 µF Ceramic
X5R
Cbypass
10 nF Ceramic
Bypass
VIN
7
2.7V
to
4.2V
VOUT2
6
SHDN2
ON/OFF Control VOUT2
2.8V @ 300 mA
1.8V
5
VOUT1
8
4
1
2
3
NC
BATTERY
COUT1
1µF Ceramic
X5R
CIN
1µF
TC1302B
COUT2
1µF Ceramic
X5R
Bypass
VIN
7
2.7V
to
4.2V
VOUT2
6
SHDN2
ON/OFF Control VOUT2
2.8V @ 300 mA
1.8V
5
ON/OFF Control VOUT1
VOUT1
@ 150 mA
GND
@ 150 mA
SHDN1
P
LDO
V
IN MAX
)
() VOUT MIN
()
–
() I
OUT MAX
)
()
×
=
PLDO
= LDO Pass device internal power
dissipation
VIN(MAX) = Maximum input voltage
VOUT(MIN)= LDO minimum output voltage
P
IGND
()
V
IN MAX
()
I
VIN
×
=
PI(GND) = Total current in ground pin.
VIN(MAX)= Maximum input voltage.
IVIN
= Current flowing in the VIN pin with
no output current on either LDO output.
T
JMAX
()
P
TOTAL
R
θ
JA
×
T
AMAX
+
=
TJ(MAX) = Maximum continuous junction
temperature.
PTOTAL = Total device power dissipation.
R
θJA
= Thermal resistance from junction
to ambient.
TAMAX = Maximum Ambient Temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com