Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1302BIPVMFTR Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1302BIPVMFTR
Description  LOW QUIESCENT CURRENT DUAL OUTPUT LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1302BIPVMFTR Datasheet(HTML) 2 Page - Microchip Technology

  TC1302BIPVMFTR Datasheet HTML 1Page - Microchip Technology TC1302BIPVMFTR Datasheet HTML 2Page - Microchip Technology TC1302BIPVMFTR Datasheet HTML 3Page - Microchip Technology TC1302BIPVMFTR Datasheet HTML 4Page - Microchip Technology TC1302BIPVMFTR Datasheet HTML 5Page - Microchip Technology TC1302BIPVMFTR Datasheet HTML 6Page - Microchip Technology TC1302BIPVMFTR Datasheet HTML 7Page - Microchip Technology TC1302BIPVMFTR Datasheet HTML 8Page - Microchip Technology TC1302BIPVMFTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
TC1302A/B
DS21333B-page 2
© 2005 Microchip Technology Inc.
Functional Block Diagrams
Typical Application Circuits
LDO #2
150 mA
LDO #1
300 mA
LDO #2
150 mA
VIN
VOUT1
VOUT2
Bandgap
Reference
SHDN2
GND
Bypass
TC1302A
TC1302B
VIN
SHDN2
GND
Bypass
SHDN1
LDO #1
300 mA
Bandgap
Reference
VOUT1
VOUT2
1.2V
1.2V
8
4
1
2
3
NC
GND
NC
BATTERY
COUT1
1µF Ceramic
X5R
CIN
1µF
TC1302A
COUT2
1µF Ceramic
X5R
C
BYPASS
(Note)
10 nF Ceramic
Bypass
VIN
7
2.7V
to
4.2V
VOUT2
6
SHDN2
ON/OFF Control VOUT2
2.8V @ 300 mA
2.6V @ 150 mA
5
VOUT1
8
4
1
2
3
NC
GND
SHDN1
BATTERY
COUT1
1µF Ceramic
X5R
CIN
1µF
TC1302B
COUT2
1µF Ceramic
X5R
Bypass
VIN
7
2.7V
to
4.2V
VOUT2
6
SHDN2
ON/OFF Control VOUT2
2.8V @ 300 mA
2.6V @ 150 mA
5
ON/OFF Control VOUT1
Note: C
BYPASS is optional
VOUT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com