Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  Audio Codec
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADAU1761BCPZ-R7 Datasheet HTML 1Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 93 page
background image
Data Sheet
ADAU1761
Rev. D | Page 3 of 93
REVISION HISTORY
7/2018—Rev. C to Rev. D
Changed tSODM Serial Port Parameter to tSOD Serial Port
Parameter, Table 7 ...........................................................................11
Changes to tSOD Serial Port Parameter, Table 7............................11
Changes to Figure 3.........................................................................12
Changes to Figure 7.........................................................................15
Updated Outline Dimensions........................................................93
Changes to Ordering Guide...........................................................93
9/2010—Rev. B to Rev. C
Changes to Figure 1...........................................................................1
5/2010—Rev. A to Rev. B
Changes to Burst Mode Writing and Reading Section ..............38
Changes to Table 33 ........................................................................51
Added R67: Dejitter Control, 16,438 (0x4036) Section .............79
12/2009—Rev. 0 to Rev. A
Changes to Features Section ............................................................1
Change to General Description Section.........................................1
Changes to Table 1 ............................................................................6
Change to Table 5............................................................................10
Changes to Figure 6.........................................................................13
Changes to Table 10 ........................................................................15
Changes to Captions of Figure 15, Figure 16, Figure 18, and
Figure 19...........................................................................................18
Changes to Captions of Figure 21 and Figure 24........................19
Added Figure 25; Renumbered Sequentially...............................19
Change to Figure 26........................................................................20
Change to Figure 27........................................................................21
Change to Figure 28........................................................................22
Change to Theory of Operation Section......................................23
Changes to Power Reduction Modes Section and Case 1: PLL Is
Bypassed Section .............................................................................24
Changes to PLL Lock Acquisition Section...................................25
Changes to Core Clock Section and Figure 30............................26
Change to Sampling Rates Section................................................27
Changes to Input Signal Paths Section and Figure 32................29
Changes to Figure 33 and Figure 34 .............................................30
Changes to ADC Full-Scale Level Section...................................31
Change to Automatic Level Control (ALC) Section...................32
Changes to Output Signal Paths Section......................................35
Changes to Headphone Output Section.......................................36
Changes to Jack Detection Section, Pop-and-Click Suppression
Section, and Line Outputs Section................................................37
Changes to Control Ports Section and I2C Port Section ............38
Added Burst Mode Writing and Reading Section ......................38
Changes to SPI Port Section ..........................................................41
Changes to Serial Data Input/Output Ports Section and
Table25..............................................................................................42
Added Figure 57..............................................................................42
Changes to Architecture Section and Figure 67..........................45
Added Startup Section....................................................................45
Changes to Parameter RAM Section and Data RAM Section ..47
Changes to Table 33 ........................................................................51
Changes to R2: Digital Microphone/Jack Detection Control,
16,392 (0x4008) Section and Table 36..........................................54
Changes to Table 42 ........................................................................58
Changes to Table 43 ........................................................................59
Changes to R15: Serial Port Control 0, 16,405 (0x4015) Section
and Table 49 .....................................................................................63
Change to Table 50..........................................................................64
Changes to Table 51, R18: Converter Control 1, 16,408 (0x4018)
Section, and Table 52 ......................................................................65
Changes to Table 60, R27: Playback L/R Mixer Right (Mixer 6)
Line Output Control, 16,417 (0x4021) Section, and Table 61...71
Changes to Table 62, R29: Playback Headphone Left Volume
Control, 16,419 (0x4023) Section, and Table 63 .........................72
Changes to Table 64 ........................................................................73
Changes to R42: Jack Detect Pin Control, 16,433 (0x4031)
Section and Table 76 .......................................................................79
Changes to R57: DSP Sampling Rate Setting, 16,619 (0x40EB)
Section and Table 81 .......................................................................81
Change to Table 85..........................................................................83
Change to Table 88..........................................................................84
Changes to R66: Clock Enable 1, 16,634 (0x40FA) Section and
Table 90.............................................................................................85
1/2009—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com