Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 48 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  Audio Codec
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 44Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 45Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 46Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 47Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 48Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 49Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 50Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 51Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 93 page
background image
ADAU1761
Data Sheet
Rev. D | Page 48 of 93
Table 27. Parameter RAM Read/Write Format (Single Address)
Byte 0
Byte 1
Byte 2
Byte 3
Bytes[4:6]
chip_adr[6:0], R/W
param_adr[15:8]
param_adr[7:0]
0000, param[27:24]
param[23:0]
Table 28. Parameter RAM Block Read/Write Format (Burst Mode)
Byte 0
Byte 1
Byte 2
Byte 3
Bytes[4:6]
Bytes[7:10]
Bytes[11:14]
chip_adr[6:0], R/W
param_adr[15:8]
param_adr[7:0]
0000, param[27:24]
param[23:0]
<—param_adr—>
param_adr + 1
param_adr + 2
Table 29. Program RAM Read/Write Format (Single Address)
Byte 0
Byte 1
Byte 2
Bytes[3:7]
chip_adr[6:0], R/W
prog_adr[15:8]
prog_adr[7:0]
prog[39:0]
Table 30. Program RAM Block Read/Write Format (Burst Mode)
Byte 0
Byte 1
Byte 2
Bytes[3:7]
Bytes[8:12]
Bytes[13:17]
chip_adr[6:0], R/W
prog_adr[15:8]
prog_adr[7:0]
prog[39:0]
<—prog_adr—>
prog_adr + 1
prog_adr + 2
SOFTWARE SAFELOAD
To update parameters in real time while avoiding pop and click
noises on the output, the ADAU1761 uses a software safeload
mechanism. The software safeload mechanism enables the
SigmaDSP core to load new parameters into RAM while guar-
anteeing that the parameters are not in use. This prevents an
undesirable condition where an instruction could execute with
a mix of old and new parameters.
SigmaStudio sets up the necessary code and parameters auto-
matically for new projects. The safeload code, along with other
initialization code, fills the first 39 locations in program RAM.
The first eight parameter RAM locations (Address 0x0000 to
Address 0x0007) are configured by default in SigmaStudio as
described in Table 31.
Table 31. Software Safeload Parameter RAM Defaults
Address (Hex)
Function
0x0000
Modulo RAM size
0x0001
Safeload Data 1
0x0002
Safeload Data 2
0x0003
Safeload Data 3
0x0004
Safeload Data 4
0x0005
Safeload Data 5
0x0006
Safeload target address (offset of −1)
0x0007
Number of words to write/safeload trigger
Address 0x0000, which controls the modulo RAM size, is set by
SigmaStudio and is based on the dynamic address generator
mode of the project.
Parameter RAM Address 0x0001 to Address 0x0005 are the five
data slots for storing the data to be safeloaded. The safeload
parameter space contains five data slots by default because most
standard signal processing algorithms have five parameters or less.
Address 0x0006 is the target address in parameter RAM (with
an offset of −1). This designates the first address to be written.
If more than one word is written, the address increments auto-
matically for each data-word. Up to five sequential parameter
RAM locations can be updated with safeload during each audio
frame. The target address offset of −1 is used because the write
address is calculated relative to the address of the data, which
starts at Address 0x0001. Therefore, to update a parameter at
Address 0x000A, the target address is 0x0009.
Address 0x0007 designates the number of words to be written
into the parameter RAM during the safeload. A biquad filter
uses all five safeload data addresses. A simple mono gain cell
uses only one safeload data address. Writing to Address 0x0007
also triggers the safeload write to occur in the next audio frame.
The safeload mechanism is software based and executes once
per audio frame. Therefore, system designers must take care
when designing the communication protocol. A delay equal to
or greater than the sampling period (the inverse of sampling
frequency) is required between each safeload write. A sample
rate of 48 kHz equates to a delay of at least 21 μs. If this delay is
not observed, the downloaded data is corrupted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com