Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  Audio Codec
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 93 page
background image
Data Sheet
ADAU1761
Rev. D | Page 9 of 93
TYPICAL POWER MANAGEMENT MEASUREMENTS
Master clock = 12.288 MHz, integer PLL, input sample rate = 48 kHz, input tone = 1 kHz. Pseudo-differential input to ADCs, DACs to
line output with 10 kΩ load. ADC input @ −1 dBFS, DAC input @ 0 dBFS. In Table 4, the mixer boost and power management conditions
are set for MXBIAS[1:0], ADCBIAS[1:0], HPBIAS[1:0], and DACBIAS[1:0]. RBIAS[1:0] and PBIAS[1:0] do not have an extreme power
saving mode and are therefore set for power saving mode in the extreme power saving rows in Table 4.
Table 4.
Operating Voltage
Power Management
Setting
Mixer Boost
Setting
Typical
AVDD Current
Consumption (mA)
Typical ADC
THD + N (dB)
Typical Line Output
THD + N (dB)
AVDD = IOVDD = 3.3 V
Normal (default)
Normal operation
9.6
−91
−92.5
Boost Level 1
9.75
−91.5
−92.5
Boost Level 2
9.92
−91.5
−92.5
Boost Level 3
10.25
−91.5
−92.5
Extreme power saving
Normal operation
7.09
−84.5
−87
Boost Level 1
7.19
−84.8
−87.1
Boost Level 2
7.29
−84.8
−87.1
Boost Level 3
7.49
−85
−87.1
Power saving
Normal operation
7.67
−89.5
−90
Boost Level 1
7.77
−89.5
−90
Boost Level 2
7.86
−89.8
−90
Boost Level 3
8.07
−89.8
−90
Enhanced performance
Normal operation
10.55
−91
−93.5
Boost Level 1
10.74
−91
−93.5
Boost Level 2
10.93
−91
−93.5
Boost Level 3
11.33
−91
−93.5
AVDD = IOVDD = 1.8 V
Normal (default)
Normal operation
8.1
−88
−91.2
Boost Level 1
8.26
−88
−91.2
Boost Level 2
8.41
−88
−91.2
Boost Level 3
8.73
−88
−91.2
Extreme power saving
Normal operation
5.73
−85
−86
Boost Level 1
5.82
−85.4
−86
Boost Level 2
5.91
−85.5
−86
Boost Level 3
6.1
−85.5
−86
Power saving
Normal operation
6.27
−86
−89.4
Boost Level 1
6.36
−86.1
−89.5
Boost Level 2
6.46
−86.3
−89.5
Boost Level 3
6.65
−86.3
−89.5
Enhanced performance
Normal operation
9.01
−88
−91.5
Boost Level 1
9.2
−88
−91.5
Boost Level 2
9.38
−88
−91.5
Boost Level 3
9.76
−88
−91.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com