Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  Audio Codec
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 93 page
background image
ADAU1761
Data Sheet
Rev. D | Page 8 of 93
TYPICAL CURRENT CONSUMPTION
Master clock = 12.288 MHz, input sample rate = 48 kHz, input tone = 1 kHz, normal power management settings, ADC input @ −1 dBFS,
DAC input @ 0 dBFS. For total power consumption, add the IOVDD current listed in Table 2.
Table 3.
Operating Voltage
Audio Path
Clock Generation
Typical AVDD Current
Consumption (mA)
AVDD = IOVDD = 3.3 V
Record stereo differential to ADC
Direct MCLK
5.24
Integer PLL
6.57
DAC stereo playback to line output (10 kΩ)
Direct MCLK
5.55
Integer PLL
6.90
DAC stereo playback to headphone (16 Ω)
Direct MCLK
55.5
Integer PLL
56.8
DAC stereo playback to headphone (32 Ω)
Direct MCLK
30.9
Integer PLL
32.25
DAC stereo playback to capless headphone (32 Ω)
Direct MCLK
56.75
Integer PLL
58
Record aux stereo bypass to line output (10 kΩ)
Direct MCLK
1.9
Integer PLL
3.3
AVDD = IOVDD = 1.8 V
Record stereo differential to ADC
Direct MCLK
4.25
Integer PLL
5.55
DAC stereo playback to line output (10 kΩ)
Direct MCLK
4.7
Integer PLL
5.7
DAC stereo playback to headphone (16 Ω)
Direct MCLK
30.81
Integer PLL
32
DAC stereo playback to headphone (32 Ω)
Direct MCLK
18.3
Integer PLL
19.5
DAC stereo playback to capless headphone (32 Ω)
Direct MCLK
32.6
Integer PLL
33.7
Record aux stereo bypass to line output (10 kΩ)
Direct MCLK
1.9
Integer PLL
3.07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com