Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7482WBBCZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADV7482WBBCZ
Description  Integrated Video Decoder and HDMI Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7482WBBCZ Datasheet(HTML) 3 Page - Analog Devices

  ADV7482WBBCZ Datasheet HTML 1Page - Analog Devices ADV7482WBBCZ Datasheet HTML 2Page - Analog Devices ADV7482WBBCZ Datasheet HTML 3Page - Analog Devices ADV7482WBBCZ Datasheet HTML 4Page - Analog Devices ADV7482WBBCZ Datasheet HTML 5Page - Analog Devices ADV7482WBBCZ Datasheet HTML 6Page - Analog Devices ADV7482WBBCZ Datasheet HTML 7Page - Analog Devices ADV7482WBBCZ Datasheet HTML 8Page - Analog Devices ADV7482WBBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
ADV7482
GENERAL DESCRIPTION
The ADV7482 is an integrated video decoder and HDMI®
receiver, targeted at connectivity enabled head units requiring a
wired, uncompressed digital audio/video link from smartphones,
and other consumer electronics devices to support streaming
and integration of cloud-based multimedia content and
applications into an automotive infotainment system.
The ADV7482 HDMI capable receiver supports a maximum
pixel clock frequency of 162 MHz, allowing HDTV formats up
to 1080p, and display resolutions up to UXGA (1600 × 1200 at
60 Hz). The device integrates a consumer electronics control
(CEC) controller that supports the capability discovery and
control (CDC) feature. The HDMI input port has dedicated 5 V
detect and Hot Plug™ assert pins.
The HDMI receiver includes an adaptive transition minimized
differential signaling (TMDS) equalizer that ensures robust
operation of the interface with long cables.
The ADV7482 contains a component processor (CP) that
processes the video signals from the HDMI receiver. It provides
features such as contrast, brightness, and saturation
adjustments, as well as free run and timing adjustment controls
for HS/VS/DE timing.
The ADV7482 analog front end (AFE) comprises a single high
speed, 10-bit analog-to-digital converter (ADC) that digitizes
the analog video signal before applying it to the SDP.
The eight analog video inputs can accept single-ended, pseudo
differential, and fully differential composite video signals, as
well as S-Video and YPbPr video signals, supporting a wide
range of consumer and automotive video sources.
Short to battery (STB) events can be detected on differential
input video signals. STB protection is provided by ac coupling
the input video signals. The ADV7482, in combination with an
external resistor divider, provides a common-mode input range
of 4 V, enabling the removal of large signal common-mode
transients present on the video lines.
The automatic gain control (AGC) and clamp restore circuitry
allow an input video signal up to 1.0 V p-p at the analog video
input pins of the ADV7482. Alternatively, the AGC and clamp
restore circuitry can be bypassed for manual settings.
The SDP of the ADV7482 is capable of decoding a large
selection of analog baseband video signals in composite, S-Video,
and component formats. The SDP supports worldwide NTSC,
PAL, and SECAM standards.
The ADV7482 features an 8-bit digital input/output port,
supporting input and output video resolutions up to 720p/1080i
in both the 8-bit interleaved 4:2:2 SDR and DDR modes.
To enable glueless interfacing of these video input sources to the
latest generation of infotainment system on chips (SoCs), the
ADV7482 features two MIPI® CSI-2 transmitters. The four-lane
transmitter provides four data lanes, two data lanes, and one
data lane muxing options, and can be used to output video from
the HDMI receiver, the SDP, and the digital input port. The
single-lane transmitter can be used to output video from the
SDP only.
The ADV7482 offers a flexible audio output port for audio data
extracted from HDMI streams. The HDMI receiver has
advanced audio functionality, such as a mute controller that
prevents audible extraneous noise in the audio output.
Additionally, the ADV7482 can be set to output time division
multiplexing (TDM) serial audio, which allows the transmission
of eight multiplexed serial audio channels on a single audio
output interface port.
The ADV7482 is programmed via a 2-wire, serial, bidirectional
port (I2C compatible).
Fabricated in an advanced CMOS process, the ADV7482 is
available in a 9 mm × 9 mm, RoHS-compliant, 100-ball
CSP_BGA package and is specified over the −40°C to +85°C
temperature range.
The ADV7482 is offered in automotive and industrial versions.
Rev. 0 | Page 3 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com