Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7482WBBCZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADV7482WBBCZ
Description  Integrated Video Decoder and HDMI Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7482WBBCZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADV7482WBBCZ Datasheet HTML 9Page - Analog Devices ADV7482WBBCZ Datasheet HTML 10Page - Analog Devices ADV7482WBBCZ Datasheet HTML 11Page - Analog Devices ADV7482WBBCZ Datasheet HTML 12Page - Analog Devices ADV7482WBBCZ Datasheet HTML 13Page - Analog Devices ADV7482WBBCZ Datasheet HTML 14Page - Analog Devices ADV7482WBBCZ Datasheet HTML 15Page - Analog Devices ADV7482WBBCZ Datasheet HTML 16Page - Analog Devices ADV7482WBBCZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
ADV7482
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 9. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
A1
GND
Ground
Ground.
A2
I2S_SDATA
Output
I2S Audio Output.
A3
GND
Ground
Ground.
A4
RX2P
HDMI
HDMI Digital Input Channel 2.
A5
RX1P
HDMI
HDMI Digital Input Channel 1.
A6
RX0P
HDMI
HDMI Digital Input Channel 0.
A7
RXCP
HDMI
HDMI Input Clock.
A8
DDC_SCL
HDMI
HDCP Slave Serial Clock.
A9
DNC
Miscellaneous
Do Not Connect. Leave this pin unconnected.
A10
GND
Ground
Ground.
B1
MVDD
Power
MIPI Supply Voltage (1.8 V).
B2
I2S_SCLK
Output
Audio Serial Clock.
B3
CVDD
Power
HDMI Comparator Supply Voltage (1.8 V). This is the supply for the
HDMI sensitive analog circuitry. Blocks on this supply include the
TMDS PLL and the equalizers.
B4
RX2N
HDMI
HDMI Digital Input Channel 2 Complement.
B5
RX1N
HDMI
HDMI Digital Input Channel 1 Complement.
B6
RX0N
HDMI
HDMI Digital Input Channel 0 Complement.
B7
RXCN
HDMI
HDMI Input Clock Complement.
B8
DDC_SDA
HDMI
HDCP Slave Serial Data.
B9
HPD
HDMI
HDMI Hot Plug Assert.
B10
GND
Ground
Ground.
1
2
3
4
5
6
7
8
9
10
A
GND
I2S_
SDATA
GND
RX2P
RX1P
RX0P
RXCP
DDC_SCL
DNC
GND
A
B
MVDD
I2S_
SCLK
CVDD
RX2N
RX1N
RX0N
RXCN
DDC_SDA
HPD
GND
B
C
CLKAN
CLKAP
I2S_
LRCLK
I2S_
MCLK
TEST2
TVDD
CEC
RX_5V
AIN7
AIN8
C
D
DA0N
DA0P
TEST3
DVDD
GND
GND
GND
DIAG4
AIN5
AIN6
D
E
DA1N
DA1P
INTRQ2
GND
GND
GND
AVDD
DIAG3
AIN3
AIN4
E
F
DA2N
DA2P
INTRQ1
GND
GND
GND
GND
VREFN
AIN1
AIN2
F
G
DA3N
DA3P
TEST
DVDD
GND
GND
GND
VREFP
DIAG1
DIAG2
G
H
DB0N
DB0P
DVDDIO
P1
P4
DNC
DNC
RESET
PVDD
GND
H
J
CLKBN
CLKBP
MVDD
P2
P5
P7
DNC
SCLK
XTALN
XTALP
J
K
GND
MVDD
P0
P3
P6
LLC
DNC
SDATA
ALSB
GND
K
1
2
3
4
5
6
7
8
9
10
DNC = DO NOT CONNECT. LEAVE THIS PIN UNCONNECTED.
Rev. 0 | Page 13 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com