Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7482WBBCZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADV7482WBBCZ
Description  Integrated Video Decoder and HDMI Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7482WBBCZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADV7482WBBCZ Datasheet HTML 10Page - Analog Devices ADV7482WBBCZ Datasheet HTML 11Page - Analog Devices ADV7482WBBCZ Datasheet HTML 12Page - Analog Devices ADV7482WBBCZ Datasheet HTML 13Page - Analog Devices ADV7482WBBCZ Datasheet HTML 14Page - Analog Devices ADV7482WBBCZ Datasheet HTML 15Page - Analog Devices ADV7482WBBCZ Datasheet HTML 16Page - Analog Devices ADV7482WBBCZ Datasheet HTML 17Page - Analog Devices ADV7482WBBCZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADV7482
Data Sheet
Pin No.
Mnemonic
Type
Description
C1
CLKAN
Output
MIPI Transmitter A Negative Output Clock.
C2
CLKAP
Output
MIPI Transmitter A Positive Output Clock.
C3
I2S_LRCLK
Output
Audio Left/Right Clock.
C4
I2S_MCLK
Output
Audio Master Clock Output.
C5
TEST2
Miscellaneous
Test Pin 2. Pull down via a large pull-down resistor to ground.
C6
TVDD
Power
HDMI Terminator Supply Voltage (3.3 V).
C7
CEC
HDMI
CEC Channel.
C8
RX_5V
HDMI
HDMI 5 V Detect. A large pull-down resistor (100 kΩ, typical) to
ground must be connected to this pin.
C9
AIN7
Input
Analog Video Input Channel.
C10
AIN8
Input
Analog Video Input Channel.
D1
DA0N
Output
MIPI Transmitter A Negative Data Output.
D2
DA0P
Output
MIPI Transmitter A Positive Data Output.
D3
TEST3
Miscellaneous
Test Pin 3. Pull up to DVDDIO via a pull-up resistor (4.7 kΩ).
D4
DVDD
Power
Digital Supply Voltage (1.8 V).
D5
GND
Ground
Ground.
D6
GND
Ground
Ground.
D7
GND
Ground
Ground.
D8
DIAG4
Input
Analog Video Diagnostic Input. This input is 5 V tolerant.
D9
AIN5
Input
Analog Video Input Channel.
D10
AIN6
Input
Analog Video Input Channel.
E1
DA1N
Output
MIPI Transmitter A Negative Data Output.
E2
DA1P
Output
MIPI Transmitter A Positive Data Output.
E3
INTRQ2
Output
Interrupt Request Output.
E4
GND
Ground
Ground.
E5
GND
Ground
Ground.
E6
GND
Ground
Ground.
E7
AVDD
Power
Analog Supply Voltage (1.8 V).
E8
DIAG3
Input
Analog Video Diagnostic Input. This input is 5 V tolerant.
E9
AIN3
Input
Analog Video Input Channel.
E10
AIN4
Input
Analog Video Input Channel.
F1
DA2N
Output
MIPI Transmitter A Negative Data Output.
F2
DA2P
Output
MIPI Transmitter A Positive Data Output.
F3
INTRQ1
Output
Interrupt Request Output.
F4
GND
Ground
Ground.
F5
GND
Ground
Ground.
F6
GND
Ground
Ground.
F7
GND
Ground
Ground.
F8
VREFN
Output
Internal Voltage Reference Output.
F9
AIN1
Input
Analog Video Input Channel.
F10
AIN2
Input
Analog Video Input Channel.
G1
DA3N
Output
MIPI Transmitter A Negative Data Output.
G2
DA3P
Output
MIPI Transmitter A Positive Data Output.
G3
TEST
Miscellaneous
Do Not Connect. Leave this pin unconnected.
G4
DVDD
Power
Digital Supply Voltage (1.8 V).
G5
GND
Ground
Ground.
G6
GND
Ground
Ground.
G7
GND
Ground
Ground.
G8
VREFP
Output
Internal Voltage Reference Output.
G9
DIAG1
Input
Analog Video Diagnostic Input. This input is 5 V tolerant.
G10
DIAG2
Input
Analog Video Diagnostic Input. This input is 5 V tolerant.
Rev. 0 | Page 14 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com