Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7482WBBCZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADV7482WBBCZ
Description  Integrated Video Decoder and HDMI Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7482WBBCZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADV7482WBBCZ Datasheet HTML 12Page - Analog Devices ADV7482WBBCZ Datasheet HTML 13Page - Analog Devices ADV7482WBBCZ Datasheet HTML 14Page - Analog Devices ADV7482WBBCZ Datasheet HTML 15Page - Analog Devices ADV7482WBBCZ Datasheet HTML 16Page - Analog Devices ADV7482WBBCZ Datasheet HTML 17Page - Analog Devices ADV7482WBBCZ Datasheet HTML 18Page - Analog Devices ADV7482WBBCZ Datasheet HTML 19Page - Analog Devices ADV7482WBBCZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
ADV7482
THOERY OF OPERATION
HDMI RECEIVER
The HDMI receiver supports video formats ranging from 480i
to 1080p, and display resolutions from VGA (640 × 480 at
60 Hz) to UXGA (1600 × 1200 at 60 Hz).
The HDMI receiver allows programmable equalization of the
HDMI data signals. This equalization compensates for the high
frequency losses inherent in HDMI and DVI cabling, especially
at longer lengths and higher frequencies. The receiver is capable
of equalizing for cable lengths up to 30 meters to achieve robust
receiver performance.
The HDMI interface of the ADV7482 allows for authentication
of a video receiver, decryption of encoded data at the receiver,
and renewability of that authentication during transmission, as
specified by the HDCP 1.4 protocol.
Dual extended display identification data (EDID) support is
provided via an on-chip 512-byte EDID RAM. The EDID RAM
must be programmed at power-up. It can be configured as two
256-byte EDIDs, or as a single 512-byte EDID.
The ADV7482 has a synchronization regeneration block used to
regenerate the data enable (DE) signal based on the measurement
of the video format being displayed and to filter the horizontal
and vertical synchronization signals to prevent glitches.
The HDMI receiver also supports TMDS error reduction
coding, 4-bit (TERC4) error detection, used for the detection of
corrupted HDMI packets.
The main HDMI receiver features include
•
162.0 MHz (UXGA at 24 BPP) maximum TMDS clock
frequency.
•
Integrated fully adaptive equalizer for cable lengths up to
30 meters.
•
HDCP 1.4 support.
•
Internal HDCP keys.
•
HDCP repeater support, up to 25 key selection vectors
(KSVs) supported.
•
PCM audio packet support.
•
Support for 8-channel TDM output data up to 48 kHz.
•
Repeater support.
•
Internal EDID RAM (512-byte for single mode, and
256-byte for dual mode operation).
•
Hot Plug assert output pin (HPD).
•
CEC controller.
COMPONENT PROCESSOR
The ADV7482 has one any-to-any 3 × 3 CSC matrix. The CSC
block is located in the processing path before the CP section.
CSC enables YCbCr-to-RGB and RGB-to-YCbCr conversions.
Many other standards of color space can be implemented using
the color space converter.
CP features include
•
Support for all video modes supported by the HDMI
receiver. These include 525i, 625i, 525p, 625p, 1080i, 1080p,
and display resolutions from VGA (640 × 480 at 60 Hz) to
UXGA (1600 × 1200 at 60 Hz).
•
Manual adjustments including gain (contrast), offset
(brightness), hue, and saturation.
•
Free run output mode that provides stable timing when no
video input is present.
•
Timing adjustments controls for HS/VS/DE timing.
ANALOG FRONT END
The ADV7482 AFE comprises a single high speed, 10-bit ADC
that digitizes the analog video signal before applying it to the
SDP. The AFE uses differential channels to the ADC to ensure
high performance in mixed-signal applications and to enable
differential CVBS to be connected directly to the ADV7482.
Up to eight analog inputs can be connected to the AFE. The
front end also includes an 8-channel input mux that enables
different configurations of single-ended CVBS (up to eight),
pseudo differential or fully differential CVBS (up to four), Y/C
(up to four), and YPbPr (up to two) analog inputs.
Current clamps are positioned in front of the ADC to ensure
that the video signal remains within the range of the converter.
A resistor divider network is required before each analog input
channel to ensure that the input signal is within the range of the
ADC. Figure 11 shows a typical voltage divider network for
single-ended inputs, Figure 12 shows a typical voltage divider
network for pseudo differential inputs, and Figure 13 shows a
typical voltage divider network for fully differential inputs. The
choice of the resistor divider shown in Figure 13 provides a
common-mode range of up to 4 V in fully differential CVBS
input mode. Fine clamping of the video signal is performed
downstream by digital fine clamping within the ADV7482.
Figure 11. Typical Single-Ended Input Voltage Divider Network
Figure 12. Typical Pseudo Differential Input Resistor Divider Network
AIN
ANALOG
INPUT
51Ω
24Ω
100nF
AINx
AINy
ANALOG INPUT
ANALOG INPUT
CVBS_P
CVBS_N
1.3kΩ
1.3kΩ
75Ω
430Ω
430Ω
100nF
100nF
Rev. 0 | Page 17 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com