Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSSD06 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FSSD06
Description  SD/SDIO and MMC Two-Port Multiplexer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSSD06 Datasheet(HTML) 4 Page - ON Semiconductor

  FSSD06 Datasheet HTML 1Page - ON Semiconductor FSSD06 Datasheet HTML 2Page - ON Semiconductor FSSD06 Datasheet HTML 3Page - ON Semiconductor FSSD06 Datasheet HTML 4Page - ON Semiconductor FSSD06 Datasheet HTML 5Page - ON Semiconductor FSSD06 Datasheet HTML 6Page - ON Semiconductor FSSD06 Datasheet HTML 7Page - ON Semiconductor FSSD06 Datasheet HTML 8Page - ON Semiconductor FSSD06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSSD06 • Rev. 1.0.5
3
Typical Application Diagram
CMD, DAT[3:0]
5
1.65 – 3.60V
WiFi,
Bluetooth,
MMC or SD
Module
Processor
VDDH
GND
/OE
S
1CMD, 1DAT[3:0]
FSSD06
Secure Data /
Multimedia Card
2:1 Peripheral
Expander
CLK
1CLK
5
2CMD, 2DAT[3:0]
WiFi,
Bluetooth,
MMC or SD
Module
,,
2CLK
5
V
DD H to 3.6V
VDDC1
V
DD H to 3.6V
VDDC2
GND
RT
GND
RT
Note
: External resistors (R T) are
recommended if card supplies are
allowed to float in the application.
The resistors should be >500K to
minimize power consumption.
Figure 4.
Typical Application Diagram
Functional Description
The FSSD06 enables sharing the ASIC/baseband
processor
SDIO
port(s)
to
two
peripheral
cards,
providing
bi-directional
support
for
dual-voltage
SD/SDIO or MMC cards available in the marketplace.
Each SDIO port of the FSSD06 has its own supply rail,
allowing peripheral cards with different supplies to be
interfaced to the host. The peripheral card supplies must
be equal or greater than the host to minimize power
consumption. The independent VDDH, VDDC1, and VDDC2
are defined by the supplies connected from the
application Power Management ICs (PMICs) to the
FSSD06. The clock path is a uni-directional buffered
path rather than a bi-directional switch port.
CMD, DAT Bus Pull-ups
The 1CMD, 2CMD, 1DAT[3:0], and 2DAT[3:0] ports do
not have, internally, the system pull-up resistors as
defined
in
the
MMC
or
SD
card
system
bus
specifications. The system bus pull-up must be added
external to the FSSD06. The value, within the specific
specification limits, is a function of the individual
application and type of card or peripheral connected. For
SD card applications, the RCMD and RDAT pull-ups should
be between 10k
Ω and 100kΩ. For MMC applications,
the RCMD pull-ups should be between 4.7k
Ω and 100kΩ
and the RDAT pull-ups between 50k
Ω and 100kΩ. The
card-side 1CMD, 2CMD, 1DAT[3:0], and 2DAT[3:0]
outputs have a circuit that facilitates incident wave
switching, so the external pull-up resistors ensure
retention of the output high level.
The /OE pin can be used to place the 1CMD, 2CMD,
1DAT[3:0] and 2DAT[3:0] into high-impedance mode
when the system enters IDLE state (see IDLE State
CMD/DAT Bus “Parking”
).
CLK Bus
The 1CLK and 2CLK outputs are bi-state buffer
architectures, rather than a switch I/O, to ensure 52MHz
incident
wave
switching.
When
there
is
no
communication on the bus (IDLE), the FSSD06 can be
disabled with the /OE pin. When this pin is pulled HIGH,
the nCLK outputs are also pulled HIGH. Along with
nCMD, nDAT[3:0] goes high-impedance to ensure that
the CLK path between the FSSD06 and the peripheral
does not float.
IDLE State CMD/DAT Bus “Parking”
The SD and MMC card specifications were written for a
direct
point-to-point
communication
between
host
controller and card. The introduction of the FSSD06 in
that path, as an expander, requires that the functional
operation and system latency not be impacted by the
FSSD06 switch characteristics. Since there are various
card formats, protocols, and configurable controllers, a
/OE pin is available to facilitate a fast IDLE transition for
the nCMD/nDAT[3:0] outputs. Some controllers, rather
than simply placing CMD/DAT into high-impedance
mode, may pull their outputs HIGH for a clock cycle prior
to going into high-impedance mode (referred to as
“parking” the output). Some legacy controllers pull their
outputs HIGH versus high impedance.
If the /OE pin is left LOW and the controller places the
CMD/DAT[3:0]
outputs
into
high
impedance,
the
nCMD/nDAT[3:0] output rise time is a function of the RC
time
constant
through
the
switch
path.
It
is
recommended that the host controller pull CMD and
DAT[3:0] HIGH for one cycle before pulling /OE HIGH.
This facilitates parking all nCMD/nDAT[3:0] outputs
HIGH before putting the switch I/Os in high impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com