Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSSD06 Datasheet(PDF) 14 Page - ON Semiconductor

Part # FSSD06
Description  SD/SDIO and MMC Two-Port Multiplexer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSSD06 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button FSSD06 Datasheet HTML 7Page - ON Semiconductor FSSD06 Datasheet HTML 8Page - ON Semiconductor FSSD06 Datasheet HTML 9Page - ON Semiconductor FSSD06 Datasheet HTML 10Page - ON Semiconductor FSSD06 Datasheet HTML 11Page - ON Semiconductor FSSD06 Datasheet HTML 12Page - ON Semiconductor FSSD06 Datasheet HTML 13Page - ON Semiconductor FSSD06 Datasheet HTML 14Page - ON Semiconductor FSSD06 Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
2.225 3.700
0.400
0.225
0.663
2.225
2.800
0.563
0.50±0.05
0.025±0.025
SEATING PLANE
C
3.40±0.10
2.50±0.10
PIN#1
IDENT
A
B
(0.15) 4X
0.85
0.20±0.05 (24X)
0.40
0.40±0.05 (23X)
0.05
PIN#1
IDENT
DETAIL A
1
0.50±0.05
45°
0.20±0.05
0.50±0.05
0.10±0.05
0.025±0.025
SEATING PLANE
C
TOP VIEW
BOTTOM VIEW
SIDE VIEW - OPTION A
LAND PATTERN RECOMMENDATION
NOTES:
A. PACKAGE DOES NOT FULLY CONFORM
TO JEDEC STANDARD
B. ALL DIMENSIONS ARE IN MILLIMETERS
C. LAND PATTERN RECOMMENDATION IS
EXISTING INDUSTRY LAND PATTERN
D. DRAWING FILENAME: MKT-UMLP24ArevE
POTENTIAL
PULL BACK
SIDE VIEW - OPTION B
DETAIL A
SCALE 2:1
6
7
12
13
18
19
24
1
6
7
12
13
18
19
24
0.10 C A B
0.05 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com