Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSSD06 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSSD06
Description  SD/SDIO and MMC Two-Port Multiplexer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSSD06 Datasheet(HTML) 2 Page - ON Semiconductor

  FSSD06 Datasheet HTML 1Page - ON Semiconductor FSSD06 Datasheet HTML 2Page - ON Semiconductor FSSD06 Datasheet HTML 3Page - ON Semiconductor FSSD06 Datasheet HTML 4Page - ON Semiconductor FSSD06 Datasheet HTML 5Page - ON Semiconductor FSSD06 Datasheet HTML 6Page - ON Semiconductor FSSD06 Datasheet HTML 7Page - ON Semiconductor FSSD06 Datasheet HTML 8Page - ON Semiconductor FSSD06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
March 2012
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSSD06 • Rev. 1.0.5
FSSD06 — SD/SDIO and MMC Two-Port Multiplexer
Features
On Resistance Typically 4Ω, V
DDH=2.7V
f
toggle: > 120MHz
Low On Capacitance: 9pF Typical
Low Power Consumption: 1µA Maximum
Conforms to Secure Digital (SD), Secure Digital I/O
(SDIO), and Multimedia Card (MMC) Specifications
Supports 1-Bit / 4-Bit Host Controllers (V
DDH=1.65V to
3.6V) Communicating with High-Voltage (2.7-3.6V)
and Dual-Voltage Cards (1.65-1.95V, 2.7-3.6V)
-
VDDH=1.65 to 3.6V, VDDC1/C2=VDDH to 3.6V
24-Lead MLP (3.5 x 4.5mm) and UMLP Packages
Applications
Cell Phone, PDA, Digital Camera, Portable GPS
LCD Monitor, Home Theater PC/TV, All-in-One Printer
Description
The FSSD06 is a two-port multiplexer that allows Secure
Digital (SD), Secure Digital I/O (SDIO), and Multimedia
Card (MMC) host controllers to be expanded out to
multiple cards or peripherals. This configuration enables
the CMD, CLK, and D[3:0] signals to be multiplexed to
dual-card peripherals. It is optimized for 1-bit / 4-bit SD /
MMC applications.
The architecture includes the necessary bi-directional
data and command transfer capability for single high-
voltage cards or dual-voltage supply cards. The clock
path for the FSSD06 is a uni-directional buffer with an
integrated pull-up for high-impedance mode.
Typical applications involve switching in portables and
consumer applications: cell phones, digital cameras,
home theater monitors, portable GPS units, and printers.
Analog Symbol Diagram
GND
1CLK
2CLK
DAT[0:3], CMD
CLK
Control
/OE
S
V
DDC1
R
PU
1DAT[0:3], 1CMD
2DAT[0:3], 2CMD
V
DD C2
R
PU
5
5
5
VDDC1
VDDC2
VDDH
Figure 1.
Analog Symbol Diagram
Ordering Information
Part Number
Operating
Temperature Range
Package Description
Packing
Method
FSSD06BQX
-40°C to +85°C
24-Lead Molded Leadless Package (MLP), JEDEC MO-
220, 3.5 x 4.5mm
Tape & Reel
FSSD06UMX
-40°C to +85°C
24-Lead Ultrathin Molded Leadless Package (UMLP)
Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com