Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSSD06 Datasheet(PDF) 10 Page - ON Semiconductor

Part # FSSD06
Description  SD/SDIO and MMC Two-Port Multiplexer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSSD06 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FSSD06 Datasheet HTML 6Page - ON Semiconductor FSSD06 Datasheet HTML 7Page - ON Semiconductor FSSD06 Datasheet HTML 8Page - ON Semiconductor FSSD06 Datasheet HTML 9Page - ON Semiconductor FSSD06 Datasheet HTML 10Page - ON Semiconductor FSSD06 Datasheet HTML 11Page - ON Semiconductor FSSD06 Datasheet HTML 12Page - ON Semiconductor FSSD06 Datasheet HTML 13Page - ON Semiconductor FSSD06 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSSD06 • Rev. 1.0.5
9
Test Diagrams
Select
nDAT[3:0],nCMD
DAT[3:0],CMD
VS= 0 orVddl
I
ON
V
ON
RON = VON /ION
GND
VIN
GND
Select
DAT[3:0],CMD
VS
Vddl
I
ON
V
ON
GND
GND
VIN
GND
VIN
GND
GND
GND
Select
VS = 0 orVddl
NC
A
I
OZ
VIN
GND
V
I
OZ
VIN
GND
VIN
GND
GND
GND
Figure 5.
On Resistance
Figure 6.
Off Leakage (Each Switch Port is
Tested Separately)
R
L ,R
S, and CL are function of application
environment (see AC Tables for specific values)
C
L includes test fixture and stray capacitance
CL
RL
GND
GND
RS
VS
VSW
GND
V
OUT
DAT[3:0],
CMD
nDAT[3:0],nCMD
VDDx
V
V
OUT
V
t
RISE =2.5ns
GND
V
ddx
90%
90%
10%
10%
t
FALL =2.5ns
V
ddx /2
V
ddx /2
Input - V
CNTRL
Output - VOUT
50%
V
OH
VOL
t
OFF
t
ON
Vol + 0.15V
-
Figure 7.
AC Test Circuit Load
Figure 8.
Turn On/Off Time Waveforms
tRISE=2.5ns
GND
Vddx
90%
90%
10%
10%
tFALL =2.5ns
Vddx /2
V ddx/2
Input - V
SW
Output- V
OUT
50%
50%
VOH
VOL
tpLH
tpHL
RISE
GND
tFALL
/2
V ddx/2
-
-
V
pLH
pHL
/2
-
-
CL
RL
GND
GND
RS
VS
VCLKI
GND
V
OUT
1CLK,
2CLK
CLK
VDDx
RS
CLKI
V
OUT
R
L ,R
S,and CL are function of application
environment (see AC Tables for specific values)
C
L includes test fixture and stray capacitance
Figure 9.
Switch Propagation Delay Waveform
Figure 10.
AC Test Circuit Load (CLK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com