Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2702334 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2702334
Description  Web-based management, SNMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2702334 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2702334 Datasheet HTML 1Page - PHOENIX CONTACT 2702334 Datasheet HTML 2Page - PHOENIX CONTACT 2702334 Datasheet HTML 3Page - PHOENIX CONTACT 2702334 Datasheet HTML 4Page - PHOENIX CONTACT 2702334 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
https://www.phoenixcontact.com/pi/products/2702334
09/06/2018   Page 3 / 5
Industrial Ethernet Switch - FL SWITCH 2204-2TC-2SFX - 2702334
Technical data
Function
Port-Priorisierung
VLAN (up to 32 VLANs)
IGMP Snooping (32 groups)
IGMP Query
Auto-Query-Port
Extended Multicast Filtering
MAC address table
8k
Redundancy
MRP (Media Redundancy Protocol)
RSTP (Rapid Spanning Tree Protocol)
FRD (Fast Ring Detection)
Large Tree Support
IP parameterization
DHCP-Client
DHCP Option 82 (Relay Agent)
DHCP server (pool-based, port-based)
BootP
PROFINET device function
PROFINET device
PROFINET conformance class
Conformance-Class B
Time synchronization
SNTP (Simple Network Time Protocol)
Status and diagnostic indicators
LEDs: US1, US2 (power supply), Fail (alarm contact), 2 LEDs per
Ethernet port (Link/Activity and Speed)
Signal contact control voltage
24 V DC (typical)
Signal contact control current
200 mA (1 minute, maximum)
Network expansion parameters
Cascading depth
Network, linear, and star structure: any
Maximum conductor length (twisted pair)
100 m
Supply voltage
Supply voltage
24 V DC (redundant)
Residual ripple
3.6 VPP (within the permitted voltage range)
Supply voltage range
12 V DC ... 57 V DC
Typical current consumption
250 mA (at US = 24 V DC)
Max. current consumption
1.4 A (At US = 12 V DC and 70°C ambient temperature)
Current consumption
250 mA
General
Mounting type
DIN rail
Type AX
Book type
Net weight
462 g
Housing material
Polycarbonate fiber reinforced
Note
Support by phone or on-site (fee is charged)
MTTF
362.94 Years (SN 29500 standard, temperature 25 °C, operating cycle
21 % (5 days a week, 8 hours a day))



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com