Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2702334 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2702334
Description  Web-based management, SNMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2702334 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2702334 Datasheet HTML 1Page - PHOENIX CONTACT 2702334 Datasheet HTML 2Page - PHOENIX CONTACT 2702334 Datasheet HTML 3Page - PHOENIX CONTACT 2702334 Datasheet HTML 4Page - PHOENIX CONTACT 2702334 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/pi/products/2702334
09/06/2018   Page 1 / 5
Industrial Ethernet Switch - FL SWITCH 2204-2TC-2SFX - 2702334
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Managed Switch 2000, 4 RJ45 ports 10/100 Mbps, 2 Combo ports 10/100 Mbps, 2 SFP ports 100 Mbps,
degree of protection: IP20, PROFINET conformance, class B
Why buy this product
 Suitable for PROFINET and EtherNet/IP™ networks
 Easy and fast startup and commissioning with the FL NETWORK MANAGER software
 Configuration memory
 RSTP
 DHCP client, DHCP server (pool-based and port-based), DHCP option 82
 VLANs
 MRP (client and master)
 Web-based management, SNMP
 Slim design
 -40°C ... +70°C ambient temperature
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4055626129006
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
45 mm
Height
130 mm
Depth
115 mm


Similar Part No. - 2702334

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702330 PHOENIX-2702330 Datasheet
275Kb / 3P
Industrial Ethernet Switch - FL SWITCH 2206-2FX
2702331 PHOENIX-2702331 Datasheet
83Kb / 5P
DHCP client, DHCP server (pool-based and port-based), DHCP option 82
2702332 PHOENIX-2702332 Datasheet
84Kb / 5P
Web-based management, SNMP
2702333 PHOENIX-2702333 Datasheet
83Kb / 5P
DHCP client, DHCP server (pool-based and port-based), DHCP option 82
2702336 PHOENIX-2702336 Datasheet
63Kb / 3P
Door position switch with 3 m cable with open cable end and 0.6 m cable with M8 socket (Snap-in), including mounting accessories
More results

Similar Description - 2702334

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
FL-SWITCH-SMN-6TX PHOENIX-FL-SWITCH-SMN-6TX Datasheet
95Kb / 10P
Web-based management, SNMP
2832632 PHOENIX-2832632 Datasheet
107Kb / 10P
Web-based management, SNMP
2891916 PHOENIX-2891916 Datasheet
88Kb / 5P
Web-based management, SNMP
2989093 PHOENIX-2989093 Datasheet
71Kb / 5P
Web-based management, SNMP
2989239 PHOENIX-2989239 Datasheet
66Kb / 5P
Web-based management, SNMP
2989336 PHOENIX-2989336 Datasheet
77Kb / 5P
Web-based management, SNMP
2989734 PHOENIX-2989734 Datasheet
77Kb / 5P
Web-based management, SNMP
2989831 PHOENIX-2989831 Datasheet
78Kb / 5P
Web-based management, SNMP
2989938 PHOENIX-2989938 Datasheet
78Kb / 5P
Web-based management, SNMP
2702332 PHOENIX-2702332 Datasheet
84Kb / 5P
Web-based management, SNMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com