Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2702334 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2702334
Description  Web-based management, SNMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2702334 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2702334 Datasheet HTML 1Page - PHOENIX CONTACT 2702334 Datasheet HTML 2Page - PHOENIX CONTACT 2702334 Datasheet HTML 3Page - PHOENIX CONTACT 2702334 Datasheet HTML 4Page - PHOENIX CONTACT 2702334 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/pi/products/2702334
09/06/2018   Page 2 / 5
Industrial Ethernet Switch - FL SWITCH 2204-2TC-2SFX - 2702334
Technical data
Ambient conditions
Degree of protection
IP20
Ambient temperature (operation)
-40 °C ... 70 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Permissible humidity (operation)
10 % ... 95 % (non-condensing)
Permissible humidity (storage/transport)
10 % ... 95 % (non-condensing)
Air pressure (operation)
68 kPa ... 108 kPa (3000 m above sea level)
Air pressure (storage/transport)
68 kPa ... 108 kPa (3000 m above sea level)
Interfaces
Interface 1
Ethernet (RJ45)
No. of ports
4 (RJ45 ports)
Note on the connection method
Auto negotiation and autocrossing
Transmission physics
Copper
Transmission speed
10/100 Mbps
Transmission length
100 m (per segment)
Signal LEDs
Data receive, link status
Interface 2
SFP module
No. of ports
2 (SFP ports)
Transmission physics
Depending on the SFP module
Transmission speed
100 Mbps (full duplex)
Transmission length
up to 40 km (Depending on the fiber/SFP module used)
Signal LEDs
Data receive, link status
Interface 3
Ethernet (combo)
No. of ports
2 (Combo ports)
Connection method
SFP or RJ45 ports
Note on the connection method
Auto negotiation and autocrossing
Transmission physics
Depending on the SFP module
Transmission speed
10/100 Mbps (full duplex)
Transmission length
up to 40 km (Depending on the fiber/SFP module used)
Signal LEDs
Data receive, link status
Function
Basic functions
Store-and-forward switch, complies with IEEE 802.3
Management
Web-based management (HTTP/HTTPS)
SNMPv1/v2/v3
Command-line interface (Telnet, SSH)
Diagnostic functions
RMON History
LLDP (Link Layer Discovery Protocol)
SNMP-Traps
N:1-Portmirroring
ACD (Address Conflict Detection)
Filter functions
Quality of Service (8 priority classes)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com