Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2702334 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 2702334
Description  Web-based management, SNMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2702334 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2702334 Datasheet HTML 1Page - PHOENIX CONTACT 2702334 Datasheet HTML 2Page - PHOENIX CONTACT 2702334 Datasheet HTML 3Page - PHOENIX CONTACT 2702334 Datasheet HTML 4Page - PHOENIX CONTACT 2702334 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
https://www.phoenixcontact.com/pi/products/2702334
09/06/2018   Page 4 / 5
Industrial Ethernet Switch - FL SWITCH 2204-2TC-2SFX - 2702334
Technical data
General
158.13 Years (SN 29500 standard, temperature 40 °C, operating cycle
34.25 % (5 days a week, 12 hours a day))
19.77 Years (SN 29500 standard, temperature 70 °C, operating cycle
100 % (7 days a week, 24 hours a day))
Connection data
Connection method
Push-in spring connection
Conductor cross section solid min.
0.25 mm²
Conductor cross section solid max.
1.5 mm²
Conductor cross section flexible min.
0.25 mm²
Conductor cross section flexible max.
1.5 mm²
Conductor cross section AWG min.
24
Conductor cross section AWG max.
16
Stripping length
9 mm
Standards and Regulations
Electromagnetic compatibility
Conformance with EMC Directive 2014/30/EU
Noise emission
EN 61000-6-4
Noise immunity
EN 61000-6-2
Vibration (storage/transport)
5g, 150 Hz, in acc. with IEC 60068-2-6
Free from substances that could impair the application of coating
Yes
Vibration (operation)
in acc. with IEC 60068-2-6: 5g, 150 Hz
ATEX
 II 3G Ex nA IIC T4 Gc
IECEx
Ex nA IIC T4 Gc
UL, USA
UL 60079-0, Ed.6 / UL 60079-7, Ed.5
UL, Canada
CSA C22.2 NO.60079-0, Ed.3 / CSA C22.2 NO.60079-7:16
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Approvals
Approvals
Approvals
ABS / EAC / UL Listed / cUL Listed / RINA / DNV GL / LR / BSH / cULus Listed
Ex Approvals
IECEx / ATEX / UL Listed / cUL Listed / cULus Listed
Approval details



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com