Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI930 Datasheet(PDF) 7 Page - Texas Instruments

Part # PCI930
Description  3-TO-1 ZOOMED VIDEO SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI930 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCI930 Datasheet HTML 3Page - Texas Instruments PCI930 Datasheet HTML 4Page - Texas Instruments PCI930 Datasheet HTML 5Page - Texas Instruments PCI930 Datasheet HTML 6Page - Texas Instruments PCI930 Datasheet HTML 7Page - Texas Instruments PCI930 Datasheet HTML 8Page - Texas Instruments PCI930 Datasheet HTML 9Page - Texas Instruments PCI930 Datasheet HTML 10Page - Texas Instruments PCI930 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PCI930
3-TO-1 ZOOMED VIDEO SWITCH
SCPS018B – OCTOBER 1997 – REVISED DECEMBER 1997
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
Table 4. Power Supply Terminal Functions
TERMINAL
TYPE
FUNCTION
NAME
NO.
TYPE
FUNCTION
GND
5, 19, 51, 69, 81, 82, 83, 101, 115
I
Device ground terminals.
VCC
13, 27, 45, 59, 77, 91, 109, 123
I
3.3V power supply input for core.
VCCS
4, 34, 67, 99
I
Rail input for 5V tolerance on zoom video streams
Table 5. ZV Stream Interface
TERMINAL
TYPE
FUNCTION
NAME
NO.
TYPE
FUNCTION
HREF
18, 52, 84, 117
†
Horizontal sync to ZV port.
VSYNC
20, 53, 85, 118
†
Vertical sync to ZV port.
Y7:0
A_ = 127, 126, 125, 124, 122, 121, 120, 119
B_ = 29, 28, 26, 25, 24, 23, 22, 21
C_ = 62, 61, 60, 58, 57, 56, 55, 54
ZV_ = 94, 93, 92, 90, 89, 88, 87, 86
I
I
I
O
Video data to ZV port YUV:4:2:2 format.
Video data to ZV port YUV:4:2:2 format.
Video data to ZV port YUV:4:2:2 format.
Video data YUV:4:2:2 format.
UV7:0
A_ = 11, 10, 9, 8, 7, 6, 3, 2
B_ = 41, 40, 39, 38, 36, 35, 31, 30
C_ = 74, 73, 72, 71, 70, 68, 66, 63
ZV_ = 106, 105, 104, 103, 102, 100, 98, 95
I
I
I
O
Video data to ZV port YUV:4:2:2 format.
Video data to ZV port YUV:4:2:2 format.
Video data to ZV port YUV:4:2:2 format.
Video data YUV:4:2:2 format.
SCLK
12, 42, 75, 107
†
Audio SCLK PCM signal.
MCLK
14, 43, 76, 108
†
Audio MCLK PCM signal.
PCLK
17, 47, 80, 112
†
Pixel clock to ZV port.
LRCLK
15, 44, 78, 110
†
Audio LRCLK PCM signal.
SDATA
16, 46, 79, 111
†
Audio PCM data signal.
† Inputs on A, B, and C source ports; Outputs to ZV_xx interface
control settings for ZV switch routing
Table 6 lists termination conditions that can exercise control over the ZV switch and shows the results.
Table 6. Termination Conditions
FUNCTION
CONDITION
RESULT
ZV xx inactive state
Pullup resistor on A/B_STAT
ZV_xx three-stated
ZV_xx inactive state
No pullup resistor on A/B_STAT
ZV_xx driven L
C precedence control
Pullup resistor on A/B_SEL
C takes precedence over A/B.
C precedence control
No pullup resistor on A/B_SEL
A/B takes precedence over C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com