Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI930 Datasheet(PDF) 9 Page - Texas Instruments

Part # PCI930
Description  3-TO-1 ZOOMED VIDEO SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI930 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCI930 Datasheet HTML 5Page - Texas Instruments PCI930 Datasheet HTML 6Page - Texas Instruments PCI930 Datasheet HTML 7Page - Texas Instruments PCI930 Datasheet HTML 8Page - Texas Instruments PCI930 Datasheet HTML 9Page - Texas Instruments PCI930 Datasheet HTML 10Page - Texas Instruments PCI930 Datasheet HTML 11Page - Texas Instruments PCI930 Datasheet HTML 12Page - Texas Instruments PCI930 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PCI930
3-TO-1 ZOOMED VIDEO SWITCH
SCPS018B – OCTOBER 1997 – REVISED DECEMBER 1997
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
typical system configuration with PCI1220 PC Card controller
PCI1220
PCI Bus
PC Card
Socket A
PC Card
Socket B
23
23
PCI930
23
23
Third
ZV
Source
ZV Output to VGA Controller
and Audio CODEC
System Reset Control
Optional Pullup to Set
ZV_xx Inactive
VCC
Optional Pullup to Set
C Precedence
VCC
MFUNC5
GPO4
(160)
MFUNC2
ZVSTAT
(157)
MFUNC4
ZVSEL1
(159)
C_STAT
A/B_STAT A/B_SEL
A_xx
B_xx
C_xx
ZV_STAT
AZ_OE
ZV
Status
Pin
ZV_xx
Output
Enable
ZV_xx
RESET
68
68
Figure 2. Typical System Configuration for PCI930 With TI PCI1220 PC Card Controller
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range, VCC
–0.5 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage range, VCCS
–0.5 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
–0.5 V to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Clamp Current, IIK (VI < 0 or VI > VCC) (see Note 3)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Clamp Current, IOK (VO < 0 or VO > VCC) (see Note 4)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
3. Applies for external input and bidirectional buffers. VI > VCC does not apply to fail-safe terminals. ZV terminals are measured with
respect to VCCS. The limit specified applies for a DC condition.
4. Applies for external output and bidirectional buffers. VO > VCC does not apply to fail-safe terminals. ZV terminals are measured with
respect to VCCS. The limit specified applies for a DC condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com