Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI930 Datasheet(PDF) 1 Page - Texas Instruments

Part # PCI930
Description  3-TO-1 ZOOMED VIDEO SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI930 Datasheet(HTML) 1 Page - Texas Instruments

  PCI930 Datasheet HTML 1Page - Texas Instruments PCI930 Datasheet HTML 2Page - Texas Instruments PCI930 Datasheet HTML 3Page - Texas Instruments PCI930 Datasheet HTML 4Page - Texas Instruments PCI930 Datasheet HTML 5Page - Texas Instruments PCI930 Datasheet HTML 6Page - Texas Instruments PCI930 Datasheet HTML 7Page - Texas Instruments PCI930 Datasheet HTML 8Page - Texas Instruments PCI930 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PCI930
3-TO-1 ZOOMED VIDEO SWITCH
SCPS018B – OCTOBER 1997 – REVISED DECEMBER 1997
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Zoomed Video Switch – Supports up to
3 ZV Sources
D Designed for Use With the TI™
PCI1220/1221 Leadership PC Card
Controllers
D First two (2) ZV Inputs are Controlled by
PCI1220/1221 Control Signal Outputs
D 100% Compliant With the PCMCIA Zoomed
Video Standard
D Status Bit Indicates ZV Activity – Can be
Used to Switch a Fourth External ZV
Source
D Switching can be Software Programmed
Using Registers in the PCI1220/1221
D Low Power 3.3-Volt Core Logic
D Small Form Factor 128-Pin TQFP Package
description
The 3-to-1 ZV switch is a companion chip to the PCI1220/1221 PC Card controllers; however, it can be used
in other applications where multiple ZV sources require external buffering. The ZV switch is a 3:1 multiplexer
for the 23 pins defined in the PCMCIA zoomed video interface. The ZV interface includes both the video and
audio data as defined by the
Zoomed Video Specification.
The three ZV source interfaces are referred to as A, B, and C. ZV sources A and B are intended for use with
the PCI1220/1221 PC Card zoom video outputs. The third source, C, may be from a variety of external ZV
sources.
An advanced CMOS process is used to achieve low system-power consumption.
PCI1220
PC Card
Controller
PCI Bus
PC Card
™
Socket A
PC Card
Socket B
23
23
PCI930
3-to-1 ZV
Switch
23
23
Third ZV
Source
2 Control Pins
ZV Output to VGA Controller
and Audio CODEC
NOTES:
1. The PC Card interface is 68 pins for CardBus and 16-bit PC Cards. In zoomed-video mode 23 pins are used for routing the
zoomed video signals too the VGA controller.
2. Control pin for third ZV source (Can Use GPO From PCI1220).
Control Pin
(See Note 2)
68
68
(See Note 1)
Figure 1. System-Level Diagram for PCI930 with the PCI1220 PC Card Controller
PC Card is a trademark of Personal Computer Memory Card International Association (PCMCIA).
TI is a trademark of Texas Instruments Incorporated.
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - PCI930

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCI9030 ETC-PCI9030 Datasheet
323Kb / 4P
SMARTarget??I/O Accelerator
logo
PLX Technology
PCI9030 PLX-PCI9030 Datasheet
416Kb / 4P
SMARTarget??I/O Accelerator
PCI9030-AA60BI PLX-PCI9030-AA60BI Datasheet
416Kb / 4P
SMARTarget??I/O Accelerator
PCI9030-AA60BIF PLX-PCI9030-AA60BIF Datasheet
416Kb / 4P
SMARTarget??I/O Accelerator
PCI9030-AA60PI PLX-PCI9030-AA60PI Datasheet
416Kb / 4P
SMARTarget??I/O Accelerator
More results

Similar Description - PCI930

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2234 NJRC-NJM2234 Datasheet
204Kb / 5P
3-INPUT VIDEO SWITCH
NJM2235 NJRC-NJM2235 Datasheet
205Kb / 5P
3-INPUT VIDEO SWITCH?
NJM2249 NJRC-NJM2249 Datasheet
193Kb / 4P
3-INPUT VIDEO SWITCH
NJM2534 NJRC-NJM2534 Datasheet
175Kb / 4P
3-INPUT 1-OUTPUT VIDEO SWITCH????
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
3-INPUT 1-OUTPUT VIDEO SWITCH??????
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
Unisonic Technologies
M4034 UTC-M4034 Datasheet
246Kb / 6P
3-INPUT VIDEO SWITCH
M4034 UTC-M4034_11 Datasheet
206Kb / 6P
3-INPUT VIDEO SWITCH
logo
Fairchild Semiconductor
FSAV433 FAIRCHILD-FSAV433_11 Datasheet
1Mb / 10P
High-Bandwidth (550MHz), 3-Channel, 3:1 Video Switch
logo
ON Semiconductor
FSAV433 ONSEMI-FSAV433 Datasheet
888Kb / 12P
High-Bandwidth (550MHz), 3-Channel, 3:1 Video Switch
January 2011 Rev. 1.4.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com