Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI930 Datasheet(PDF) 12 Page - Texas Instruments

Part # PCI930
Description  3-TO-1 ZOOMED VIDEO SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI930 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCI930 Datasheet HTML 5Page - Texas Instruments PCI930 Datasheet HTML 6Page - Texas Instruments PCI930 Datasheet HTML 7Page - Texas Instruments PCI930 Datasheet HTML 8Page - Texas Instruments PCI930 Datasheet HTML 9Page - Texas Instruments PCI930 Datasheet HTML 10Page - Texas Instruments PCI930 Datasheet HTML 11Page - Texas Instruments PCI930 Datasheet HTML 12Page - Texas Instruments PCI930 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
PCI930
3-TO-1 ZOOMED VIDEO SWITCH
SCPS018B – OCTOBER 1997 – REVISED DECEMBER 1997
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
PBK (S-PQFP-G128)
PLASTIC QUAD FLATPACK
4040279-3 / C 11/96
64
33
Gage Plane
0,13 NOM
0,25
0,45
0,75
Seating Plane
0,05 MIN
0,23
65
32
96
1
12,40 TYP
0,13
97
128
SQ
SQ
13,80
16,20
15,80
1,60 MAX
1,45
1,35
14,20
0
°–7°
0,08
0,40
M
0,07
NOTES: D. All linear dimensions are in millimeters.
E. This drawing is subject to change without notice.
F. Falls within JEDEC MS-026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com