Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB340TMX Datasheet(PDF) 7 Page - ON Semiconductor

Part # FUSB340TMX
Description  USB 3.1 SuperSpeed 10 Gbps Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB340TMX Datasheet(HTML) 7 Page - ON Semiconductor

  FUSB340TMX Datasheet HTML 1Page - ON Semiconductor FUSB340TMX Datasheet HTML 2Page - ON Semiconductor FUSB340TMX Datasheet HTML 3Page - ON Semiconductor FUSB340TMX Datasheet HTML 4Page - ON Semiconductor FUSB340TMX Datasheet HTML 5Page - ON Semiconductor FUSB340TMX Datasheet HTML 6Page - ON Semiconductor FUSB340TMX Datasheet HTML 7Page - ON Semiconductor FUSB340TMX Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
© 2015 Semiconductor Components Industries, LLC.
www.fairchildsemi.com
FUSB340 • Rev. 2
7
www.onsemi.com
Physical Dimensions
Figure 6.
18 Lead, UMLP, Quad, Ultra-Thin MLP, 1.8 x 2.6 mm
5
PIN#1 IDENT
BOTTOM VIEW
1
0.10 C A B
0.05 C
(18X)
(18X)
C
SEATING
PLANE
0.05 C
END VIEW
0.05 C
0.025±0.025
0.370±0.030
A B
TOP VIEW
2X
2X
2.00
2.80
PIN#1 IDENT
0.05 C
0.05 C
SIDE VIEW
0.95±0.05
0.18±0.05
2.00±0.05
2.80±0.05
1.75±0.05
0.40
(0.31)
(0.51)
LAND PATTERN RECOMMENDATION
NOTES:
A. NO INDUSTRY STANDARD APPLIES.
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCES PER
ASME Y14.5M, 2009.
D. LAND PATTERN RECOMMENDATION IS
A FAIRCHILD DESIGN.
E. DRAWING FILENAME: MKT-TMLP18Arev2
6
18
1.34
0.94
0.48
0.20
0.40
0.95
1.75
DETAIL A
DETAIL A
2X SCALE
0.20
0.20
6
7
8
9
9
10
14
15
0.30±0.05
1
2
3
4
5
10
11
12
16 15
14
13
18 17
CORNER LANDS
DETAIL B
0.11
DETAIL B - 8X
2X SCALE
0.11
0.14
DETAIL B - 8X
2X SCALE
0.15
LEADTIP SHAPE VARIATION BY SUPPLIER
0.075-0.150



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com