Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB340TMX Datasheet(PDF) 2 Page - ON Semiconductor

Part # FUSB340TMX
Description  USB 3.1 SuperSpeed 10 Gbps Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB340TMX Datasheet(HTML) 2 Page - ON Semiconductor

  FUSB340TMX Datasheet HTML 1Page - ON Semiconductor FUSB340TMX Datasheet HTML 2Page - ON Semiconductor FUSB340TMX Datasheet HTML 3Page - ON Semiconductor FUSB340TMX Datasheet HTML 4Page - ON Semiconductor FUSB340TMX Datasheet HTML 5Page - ON Semiconductor FUSB340TMX Datasheet HTML 6Page - ON Semiconductor FUSB340TMX Datasheet HTML 7Page - ON Semiconductor FUSB340TMX Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© 2015 Semiconductor Components Industries, LLC.
www.fairchildsemi.com
FUSB340 • Rev. 2
2
www.onsemi.com
Typical Application
Figure 2.
Typical Application
Pin Configuration
Figure 3.
Pin Assignment (Top Through View)
Pin Descriptions
Pin #
Name
Type
Description
1
SSTXCOM-
SW
SuperSpeed TX- Common
2
SSTXCOM+
SW
SuperSpeed TX+ Common
3
GND
GND
Ground (connected to die attach pad)
4
SSRXCOM-
SW
SuperSpeed RX- Common
5
SSRXCOM+
SW
SuperSpeed RX+ Common
6
S
Input
Switch Select (0=SW1, 1=SW2)
7
/OE
Input
Output Enable (0=Switches Enabled, 1=Switches Disabled)
8
SSRX2+
SW
SuperSpeed RX2+
9
SSRX2-
SW
SuperSpeed RX2-
10
SSRX1+
SW
SuperSpeed RX1+
11
SSRX1-
SW
SuperSpeed RX1-
12
GND
GND
Ground (connected to die attach pad)
13
SSTX2+
SW
SuperSpeed TX2+
14
SSTX2-
SW
SuperSpeed TX2-
15
SSTX1+
SW
SuperSpeed TX1+
16
SSTX1-
SW
SuperSpeed TX1-
17
VDD
VDD
Device Power
18
GND
GND
Ground
SuperSpeed Rx&Tx Pairs Set #1
SuperSpeed Rx&Tx Pairs Set #2
T
Y
P
E
C
Host PC
Processor
Processor
Phone



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com