Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB340TMX Datasheet(PDF) 1 Page - ON Semiconductor

Part # FUSB340TMX
Description  USB 3.1 SuperSpeed 10 Gbps Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB340TMX Datasheet(HTML) 1 Page - ON Semiconductor

  FUSB340TMX Datasheet HTML 1Page - ON Semiconductor FUSB340TMX Datasheet HTML 2Page - ON Semiconductor FUSB340TMX Datasheet HTML 3Page - ON Semiconductor FUSB340TMX Datasheet HTML 4Page - ON Semiconductor FUSB340TMX Datasheet HTML 5Page - ON Semiconductor FUSB340TMX Datasheet HTML 6Page - ON Semiconductor FUSB340TMX Datasheet HTML 7Page - ON Semiconductor FUSB340TMX Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
September 2017
© 2015 Semiconductor Components Industries, LLC.
www.fairchildsemi.com
FUSB340 • Rev. 2
www.onsemi.com
FUSB340
USB 3.1 SuperSpeed 10 Gbps Switch
Features
10 GHz Typical Bandwidth
USB 3.1 SuperSpeed 5Gbps and10 Gbps Switch
-1.0 dB Typical Insertion Loss at 2.5 GHz
Low Active Power of 12 μA Typical
Low Shutdown Power of < 1 μA Max.
2 kV HBM ESD Protection
Small Packaging, 18 Lead TMLP
Wide VDD Operating Range, 1.5 V-5.0 V
Applications
Smartphones
Tablets
Notebooks
Description
The FUSB340 is a 2:1 data switch for USB
SuperSpeed Gen1 and Gen2, 5 Gbps and 10 Gbps
data. It is targeted at the mobile device market and for
use in Type-C applications where a reversible cable
requires a switch.
The FUSB340 data switch offers superior performance
various high speed data transmission protocols:
USB 3.1 SuperSpeed (Gen 2), 10 Gbps
PCI Express, Gen 3
SATA
Fibre Channel
Display Port 1.3
Figure 1.
Block Diagram
Ordering Information
Part Number
Operating
Temperature Range
Package
Packing
Method
FUSB340TMX
-40 to 85°C
18-Lead, Quad, Ultra-ultrathin Molded Leadless
Package (TMLP), 2.0 mm x 2.8 mm x 0.375 mm
Tape and Reel


Similar Part No. - FUSB340TMX

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
FUSB340TMX-TP TECHPUBLIC-FUSB340TMX-TP Datasheet
4Mb / 7P
Two-Channel Differential 2:1/1:2 USB 3.1 Super Speed 10Gbps Mux/DeMux
More results

Similar Description - FUSB340TMX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14978 MAXIM-MAX14978 Datasheet
1Mb / 15P
SuperSpeed USB Passive Switch (Low/Full/Hi/SuperSpeed)
Rev 1; 4/11
logo
Teledyne Technologies I...
USB-T0S3 TELEDYNE-USB-T0S3 Datasheet
641Kb / 2P
SuperSpeed USB Analyzer
logo
Keysight Technologies
U7243B KEYSIGHT-U7243B Datasheet
3Mb / 20P
USB 3.1 ??5 Gbps and 10 Gbps
logo
A-Data Technology
HV100 A-DATA-HV100 Datasheet
266Kb / 1P
SuperSpeed USB 3.0
logo
ON Semiconductor
NB7NPQ1004M ONSEMI-NB7NPQ1004M Datasheet
197Kb / 11P
3.3V USB 3.1 Gen-2 10Gbps Quad Channel Dual Port Linear Redriver
June, 2018 ??Rev. 0
logo
Tripp Lite. All Rights ...
U420-003-G2 TRIPPLITE-U420-003-G2 Datasheet
164Kb / 3P
USB 3.1 Gen 2 (10 Gbps) Cable, USB Type-C (USB-C) (M/M), 3 ft.
logo
NXP Semiconductors
PTN36043A NXP-PTN36043A Datasheet
854Kb / 29P
USB Type-C SuperSpeed active switch
Rev. 1-19 February 2018
logo
Coolgear Inc.
CG-4PU31C1B1 COOLGEAR-CG-4PU31C1B1 Datasheet
121Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed Type-B Upstream
CG-4PU31C2P COOLGEAR-CG-4PU31C2P Datasheet
120Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed USB C Upstream
logo
NXP Semiconductors
PTN36043B NXP-PTN36043B Datasheet
375Kb / 26P
USB Type-C SuperSpeed active switch
Rev. 1.0 - 1 December 2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com