Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB340TMX Datasheet(PDF) 3 Page - ON Semiconductor

Part # FUSB340TMX
Description  USB 3.1 SuperSpeed 10 Gbps Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB340TMX Datasheet(HTML) 3 Page - ON Semiconductor

  FUSB340TMX Datasheet HTML 1Page - ON Semiconductor FUSB340TMX Datasheet HTML 2Page - ON Semiconductor FUSB340TMX Datasheet HTML 3Page - ON Semiconductor FUSB340TMX Datasheet HTML 4Page - ON Semiconductor FUSB340TMX Datasheet HTML 5Page - ON Semiconductor FUSB340TMX Datasheet HTML 6Page - ON Semiconductor FUSB340TMX Datasheet HTML 7Page - ON Semiconductor FUSB340TMX Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© 2015 Semiconductor Components Industries, LLC.
www.fairchildsemi.com
FUSB340 • Rev. 2
3
www.onsemi.com
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VDD
Supply Voltage
-0.5
6.0
V
VCNTRL
DC Input Voltage (S, /OE)(1)
-0.5
VDD
V
VSW
DC Switch I/O Voltage(1,2)
-0.3
2.1
V
IIK
DC Input Diode Current
-50
mA
Isw
DC Switch Current
25
mA
TSTG
Storage Temperature
-65
+150
°C
MSL
Moisture Sensitivity Level (JEDEC J-STD-020A)
1
ESD
Human Body Model, JEDEC: JESD22-A114
All Pins
2
kV
IEC 61000-2-4, Level 4, for Switch Pins
Contact
8
Air
15
Charged Device Model, JESD22-C101
1
Notes:
1.
The input and output negative ratings may be exceeded if the input and output diode current ratings are observed.
2.
VSW refers to analog data switch paths.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. ON Semiconductor
does not recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VDD
Supply Voltage
1.5
5.0
V
tRAMP(VDD)
Power Supply Slew Rate
100
1000
µs/V
VCNTRL
Control Input Voltage (S, /OE)(3)
0
5.0
V
VSW
Switch I/O Voltage (Both SSUSB Switch Paths)
0
2.0
V
TA
Operating Temperature
-40
+85
°C
Note:
3.
The control inputs must be held HIGH or LOW; they must not float.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com