Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB30 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FSUSB30
Description  Low-Power, Two-Port, High-Speed USB 2.0 Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB30 Datasheet(HTML) 4 Page - ON Semiconductor

  FSUSB30 Datasheet HTML 1Page - ON Semiconductor FSUSB30 Datasheet HTML 2Page - ON Semiconductor FSUSB30 Datasheet HTML 3Page - ON Semiconductor FSUSB30 Datasheet HTML 4Page - ON Semiconductor FSUSB30 Datasheet HTML 5Page - ON Semiconductor FSUSB30 Datasheet HTML 6Page - ON Semiconductor FSUSB30 Datasheet HTML 7Page - ON Semiconductor FSUSB30 Datasheet HTML 8Page - ON Semiconductor FSUSB30 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB30 Rev. 1.1.8
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only.
Note:
1. The input and output negative voltage ratings may be exceeded if the input and output diode current ratings are
observed.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.(2)
Note:
2. Control input must be held HIGH or LOW and it must not float.
Symbol
Parameter
Minimum
Maximum
Unit
VCC
Supply Voltage
-0.5
+5.5
V
VCNTRL
DC Input Voltage(1)
-0.5
VCC
V
VSW
DC Switch Voltage(1)
HSDnX
0.5
VCC
V
D+,D- when VCC > 0
0.5
VCC
V
D+,D- when VCC = 0
-0.50
VCC
V
IIK
DC Input Diode Current
-50
mA
IOUT
DC Output Current
50
mA
TSTG
Storage Temperature
-65
+150
°C
ESD
Human Body Model
All Pins
8
kV
I/O to GND
8
kV
Symbol
Parameter
Minimum
Maximum
Unit
VCC
Supply Voltage
3.0
4.3
V
VIN
Control Input Voltage
0
VCC
V
VSW
Switch Input Voltage
0
VCC
V
TA
Operating Temperature
-40
+85
°C
J
A
Thermal Resistance, 10 MicroPak
250
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com