Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB30 Datasheet(PDF) 8 Page - ON Semiconductor

Part # FSUSB30
Description  Low-Power, Two-Port, High-Speed USB 2.0 Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB30 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FSUSB30 Datasheet HTML 4Page - ON Semiconductor FSUSB30 Datasheet HTML 5Page - ON Semiconductor FSUSB30 Datasheet HTML 6Page - ON Semiconductor FSUSB30 Datasheet HTML 7Page - ON Semiconductor FSUSB30 Datasheet HTML 8Page - ON Semiconductor FSUSB30 Datasheet HTML 9Page - ON Semiconductor FSUSB30 Datasheet HTML 10Page - ON Semiconductor FSUSB30 Datasheet HTML 11Page - ON Semiconductor FSUSB30 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB30 Rev. 1.1.8
7
Test Diagrams
Figure 5. On Resistance
Figure 6. Off Leakage
Figure 7. AC Test Circuit Load
Figure 8. Switch Propagation Delay Waveforms
Figure 9. Turn-On / Turn-Off Waveform
HSDn
ION
VON
GND
GND
VIN
Dn
Select
VS = 0 to VCC
RON = VON / ION
GND
VIN
Select
IDn(OFF)
VS = 0 or VCC
NC
A
Each switch port is tested separately.
RL
RS
CL
HSDn
VIN
VSel
D+, D–
GND
GND
GND
VOUT
RL, RS, and CL are functions of the application environment
(see AC Electrical tables for specific values).
CL includes test fixture and stray capacitance.
tRISE = 500ps
tPLH
HSDn+,
HSDn–
Input:
Output: D+, D–
tFALL = 500ps
VOH
90%
50%
50%
90%
10%
10%
50%
tPHL
50%
VOL
800mV
400mV
tRISE = 2.5ns
tON
tOFF
Input – S, OE
Output – VOUT
tFALL = 2.5ns
VOH
90%
VCC/2
VCC/2
90%
10%
10%
90%
90%
VOL
VCC
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com