Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB30 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSUSB30
Description  Low-Power, Two-Port, High-Speed USB 2.0 Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB30 Datasheet(HTML) 2 Page - ON Semiconductor

  FSUSB30 Datasheet HTML 1Page - ON Semiconductor FSUSB30 Datasheet HTML 2Page - ON Semiconductor FSUSB30 Datasheet HTML 3Page - ON Semiconductor FSUSB30 Datasheet HTML 4Page - ON Semiconductor FSUSB30 Datasheet HTML 5Page - ON Semiconductor FSUSB30 Datasheet HTML 6Page - ON Semiconductor FSUSB30 Datasheet HTML 7Page - ON Semiconductor FSUSB30 Datasheet HTML 8Page - ON Semiconductor FSUSB30 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB30 Rev. 1.1.8
April 2013
FSUSB30
Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps)
Switch
Features
?
Low On Capacitance: 3.7pF (Typical)
?
Low On Resistance: 6.5
 (Typical)
?
Low Power Consumption: 1µA (Maximum)
– 10µA Maximum ICCT over an Expanded Control
Voltage Range (VIN = 2.6V, VCC = 4.3V)
?
Wide -3dB Bandwidth, >720MHz
?
8kV ESD Protection
?
Power-Off Protection when VCC = 0V; D+/D- Pins can
Tolerate up to 5.5V
?
Packaged in:
– 10-lead MicroPak™ (1.6 x 2.1mm)
– 10-lead MSOP
– 10-lead UMLP (1.4 x 1.8mm)
Applications
?
Cell phone, PDA, Digital Camera, and Notebook LCD
Monitor, TV, and Set-top Box
Related Application Notes
?
AN-6022 Using the FSUSB30 / FSUSB31 to Comply
with USB 2.0 Fault Condition Requirements
Description
The FSUSB30 is a low-power, two-port, high-speed USB
2.0 switch. Configured as a double-pole double-throw
(DPDT) switch, it is optimized for switching between two
high-speed (480Mbps) sources or a Hi-Speed and Full-
Speed (12Mbps) source. The FSUSB30 is compatible
with the requirements of USB2.0 and features an
extremely low on capacitance (CON) of 3.7pF. The wide
bandwidth of this device (720MHz), exceeds the band-
width needed to pass the third harmonic, resulting in sig-
nals with minimum edge and phase distortion. Superior
channel-to-channel crosstalk minimizes interference.
The FSUSB30 contains special circuitry on the D+/ D-
pins which allows the device to withstand an overvoltage
condition when powered off. This device is also designed
to minimize current consumption even when the control
voltage applied to the S pin, is lower than the supply volt-
age (VCC). This feature is especially valuable to ultra-
portable applications such as cell phones, allowing for
direct interface with the general purpose I/Os of the
baseband processor. Other applications include switch-
ing and connector sharing in portable cell phones, PDAs,
digital cameras, printers, and notebook computers.
Ordering Information
Figure 1. Typical Application
MicroPak
 is a trademark of Fairchild Semiconductor Corporation.
Order
Number
Package
Number
Product Code
Top Mark
Package Description
FSUSB30L10X
MAC010A
FJ
10-Lead MicroPak, 1.6 x 2.1mm
FSUSB30MUX
MUA10A
FSUSB30
10-Lead Molded Small Outline Package (MSOP), JEDEC MO-
187, 3.0mm Wide
FSUSB30UMX
MLP010A
GJ
10-Lead, Quad, Ultrathin, MLP (UMLP) 1.4 x 1.8mm
USB2.0
Controller
Set Top Box
(STB) CPU
or
DSP
Processor
DVR or
Mass Storage
Controller
1D+
VCC
1D–
2D+
2D–
USB
Connector
FSUSB30
D+
D–
S
OE
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com