Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB30 Datasheet(PDF) 6 Page - ON Semiconductor

Part # FSUSB30
Description  Low-Power, Two-Port, High-Speed USB 2.0 Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB30 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FSUSB30 Datasheet HTML 2Page - ON Semiconductor FSUSB30 Datasheet HTML 3Page - ON Semiconductor FSUSB30 Datasheet HTML 4Page - ON Semiconductor FSUSB30 Datasheet HTML 5Page - ON Semiconductor FSUSB30 Datasheet HTML 6Page - ON Semiconductor FSUSB30 Datasheet HTML 7Page - ON Semiconductor FSUSB30 Datasheet HTML 8Page - ON Semiconductor FSUSB30 Datasheet HTML 9Page - ON Semiconductor FSUSB30 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB30 Rev. 1.1.8
5
USB Hi-Speed Related AC Electrical Characteristics
Note:
5. Guaranteed by characterization.
Capacitance
Symbol
Parameter
Conditions
VCC (V)
TA = 40°C to +85°C
Units
Figure
Number
Min.
Typ.
Max.
tSK(O)
Channel-to-Channel
Skew(5)
RL = 50, CL = 5pF
3.0 to 3.6
50
ps
Figure 7
Figure 11
tSK(P)
Skew of Opposite
Transitions of the
Same Output(5)
RL = 50, CL = 5pF
3.0 to 3.6
20
ps
Figure 7
Figure 11
tJ
Total Jitter(5)
RL = 50, CL = 5pF,
tR = tF = 500ps at 480 Mbps
(PRBS = 215
 1)
3.0 to 3.6
200
ps
Symbol
Parameter
Conditions
TA = 40°C to +85°C
Units
Figure
Number
Min.
Typ.
Max.
CIN
Control Pin Input Capacitance
VCC = 0V
1.5
pF
Figure 16
CON
D1n, D2n, Dn On Capacitance
VCC = 3.3, OE = 0V
3.7
pF
Figure 15
COFF
D1n, D2n Off Capacitance
VCC and OE = 3.3
2.5
pF
Figure 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com