Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB63 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FSUSB63
Description  3:1 High-Speed USB 2.0 Switch / Multiplexer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB63 Datasheet(HTML) 5 Page - ON Semiconductor

  FSUSB63 Datasheet HTML 1Page - ON Semiconductor FSUSB63 Datasheet HTML 2Page - ON Semiconductor FSUSB63 Datasheet HTML 3Page - ON Semiconductor FSUSB63 Datasheet HTML 4Page - ON Semiconductor FSUSB63 Datasheet HTML 5Page - ON Semiconductor FSUSB63 Datasheet HTML 6Page - ON Semiconductor FSUSB63 Datasheet HTML 7Page - ON Semiconductor FSUSB63 Datasheet HTML 8Page - ON Semiconductor FSUSB63 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.onsemi.com
5
DC Electrical Characteristics
All typical values are for VCC=3.3V at TA=25°C unless otherw ise specified.
Sym bol
Param eter
Conditions
VCC (V)
TA=- 40ºC to +85ºC
Units
Min.
Typ.
Max.
VIK
Clamp Diode Voltage
IIN=-18mA
2.7
-1.2
V
VIH
Input Voltage High
SEL[1], SEL[0] Inputs
2.7 to 4.3
1.0
V
VIL
Input Voltage Low
SEL[1], SEL[0] Inputs
2.7 to 4.3
0.35
V
IIN
Control Input Leakage
All Combinations of SEL[1] &
SEL[0] in the Truth Table
(LOW=0V & HIGH=VCC)
4.3
1
µA
IOZ
Off-State Leakage
0
n, HSD1n, HSD2n,
HSD3n
4.3
-2
2
µA
IOFF
Power-Off Leakage Current
(All I/O Ports)
VSW=0V to 4.3V, VCC=0V,
Figure 7
0
-2
2
µA
RON
(5)
HS Switch On Resistance
VSW=0.4V, ION=-8mA, Figure 6
3.0
6.0
7.8
 
ΔR
ON
HS Delta RON
(6)
VSW=0.4V, ION=-8mA
3.0
0.50
 
ICCSLP
Sleep Mode Supply Current
SEL[1]=SEL[0]=0
3.6
1
µA
ICCACT
Active Mode Supply Current
VCNTRL=0 or VCC,
IOUT=0
2.7
7.5
15.0
µA
3.6
8.5
16.0
µA
ICCT
Increase in ICC Current per Control Input
and VCC
VCNTRL=1.8V
3.6
1.5
4.0
µA
VCNTRL=1.2V
3.6
3.0
5.0
µA
Notes:
5.
Measured by the voltage drop betw een HSDn and Dn pins at the indicated current through the sw itch.
On resistance is determined by the low er of the voltage on the tw o (HSDn or Dn ports).
6.
Guaranteed by characterization.
AC Electrical Characteristics
All typical values are for VCC=3.3V at TA=25°C unless otherw ise specified.
Sym bol
Param eter
Conditions
VCC (V)
TA=- 40ºC to +85ºC
Units
Min.
Typ.
Max.
tON
Turn-On Time when Switching from One
USB Path (or Disabled i.e. SEL=00) to
Another USB Path
RL=50Ω, CL=35pF
VSW=0.8V
Figure 8, Figure 9
3.0 to 3.6
126
400
µs
tOFF
Turn-Off Time
SEL≠00 (Any of the Three USB Paths
Active) to SEL=00 (Disabled)
RL=50Ω, CL=35pF
VSW= 0.8V
Figure 8, Figure 9
3.0 to 3.6
45
ns
tPD
Propagation Delay
(7)
CL=5pF, RL=50Ω
Figure 8, Figure 10
3.3
0.25
ns
tBBM
Break-Before-Make Time
RL=50Ω, CL=35pF
VSW1=VSW2= 0.8V,
Figure 12
3.0 to 3.6
126
400
µs
OIRR
Off Isolation
(7)
RL=50Ω, f=240MHz
Figure 14
3.0 to 3.6
-42
dB
Xtalk
Non-Adjacent Channel Crosstalk
(7)
RL=50Ω, f=240MHz
Figure 15
3.0 to 3.6
-33
dB
BW
-3db Bandwidth
(7)
RL=50Ω, CL=0pF
Figure 13
3.0 to 3.6
830
MHz
RL=50Ω, CL=5pF
Figure 13
3.0 to 3.6
510
MHz
Note:
7.
Guaranteed by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com