Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB63 Datasheet(PDF) 10 Page - ON Semiconductor

Part # FSUSB63
Description  3:1 High-Speed USB 2.0 Switch / Multiplexer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB63 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FSUSB63 Datasheet HTML 3Page - ON Semiconductor FSUSB63 Datasheet HTML 4Page - ON Semiconductor FSUSB63 Datasheet HTML 5Page - ON Semiconductor FSUSB63 Datasheet HTML 6Page - ON Semiconductor FSUSB63 Datasheet HTML 7Page - ON Semiconductor FSUSB63 Datasheet HTML 8Page - ON Semiconductor FSUSB63 Datasheet HTML 9Page - ON Semiconductor FSUSB63 Datasheet HTML 10Page - ON Semiconductor FSUSB63 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.onsemi.com
10
Physical Dimensions
Figure 18. 12-Lead, Ultrathin Molded Leadless Package (UMLP)
Ordering Inform ation
Part Number Top Mark Operating Temperature Range
Package
FSUSB63UMX
KG
-40 to +85°C
12-Lead, Quad, Ultrathin Molded Leadless Package (UMLP),
1.8mm x 1.8mm x 0.55mm, 0.4mm pitch
Package drawings are provided as a service to customers considering ON Semiconductor components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a ON Semiconductor representative to verify or obtain the
most recent revision. Package specifications do not expand the terms of ON Semiconductor
’s worldwide terms and conditions, specifically the
warranty therein, which covers ON Semiconductor products.
A
B
C
SEATING
PLANE
RECOMMENDED
LAND PATTERN
NOTES:
A. PACKAGE DOES NOT FULLY CONFORM TO
JEDEC STANDARD.
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCES PER
ASME Y14.5M, 1994.
D. LAND PATTERN RECOMMENDATION IS
BASED ON FSC DESIGN ONLY.
E. DRAWING FILENAME: MKT-UMLP12Arev4.
SCALE : 2X
LEAD
OPTION 1
SCALE : 2X
LEAD
OPTION 2
DETAIL A
SCALE : 2X
PIN#1 IDENT
TOP VIEW
BOTTOM VIEW
0.10 C
0.08 C
0.10 C
2X
2X
SIDE VIEW
0.10 C
0.05
0.00
3
6
1
0.10 C A B
0.05 C
0.55 MAX.
12
1.80
1.80
0.40
0.25
0.15(12X)
0.35
0.45
2.10
2.10
0.40
0.563
(11X)
0.20
(12X)
1
0.152
9
0.588
DETAIL A
PIN#1 IDENT
(11X)
PACKAGE
EDGE
0.10
0.10
0.45
0.35
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com