Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB63 Datasheet(PDF) 1 Page - ON Semiconductor

Part # FSUSB63
Description  3:1 High-Speed USB 2.0 Switch / Multiplexer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB63 Datasheet(HTML) 1 Page - ON Semiconductor

  FSUSB63 Datasheet HTML 1Page - ON Semiconductor FSUSB63 Datasheet HTML 2Page - ON Semiconductor FSUSB63 Datasheet HTML 3Page - ON Semiconductor FSUSB63 Datasheet HTML 4Page - ON Semiconductor FSUSB63 Datasheet HTML 5Page - ON Semiconductor FSUSB63 Datasheet HTML 6Page - ON Semiconductor FSUSB63 Datasheet HTML 7Page - ON Semiconductor FSUSB63 Datasheet HTML 8Page - ON Semiconductor FSUSB63 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 2010 Semiconductor Components Industries, LLC.
Publication Order Number:
December-2017, Rev. 2
FSUSB63/D
FSUSB63
— 3:1 High-Speed USB 2.0 Switch / Multiplexer
Features
Sw itch Type
3:1 USB Sw itch
USB
USB 2.0 High-Speed &
Full-Speed Compliant
Break-Before-Make Time
126µs
RON
6Ω Typical
CON
6pF Typical
Bandw idth
830MHz
VCC
2.7 to 4.4V
VCNTRL
0 to VCC
Operating Temperature
-40°C to 85°C
ICCSLP
<1µA
ICCACT
7.5µA Typical
Package
12- Lead UMLP 1.80 x 1.80 x
0.55mm, 0.40mm pitch
Top Mark
KG
Ordering Information
FSUSB63UMX
Applications
Cell Phone, Digital Camera, Notebook
LCD Monitor, TV, and Set-Top Box
Netbook, Mobile Internet Device (MID)
Description
The FSUSB63 is a bi-directional, low -pow er, High-Speed (HS)
USB 2.0 3:1 Multiplexer (MUX). It is optimized for sw itching
among
three
high-speed
(480Mbps)
sources
or
any
combination
of
high-speed and full-speed (12Mbps)
USB
sources, such as an application processor, to one USB 2.0
connector.
The FSUSB63 has a break-before-make time to force re-
enumeration by the host w hen sw itching betw een different HS
USB 2.0 controllers
and thus
requires
minimal softw are
changes.
The FSUSB63 is compliant w ith the requirements of USB 2.0
and features extremely low on capacitance (CON). The w ide
bandw idth exceeds the requirement to pass the third harmonic,
resulting in signals w ith minimum edge and phase distortion.
Superior
channel-to-channel
crosstalk
also
minimizes
interference.
Typical Application
Figure 1. Analog Sym bol


Similar Part No. - FSUSB63

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB63 FAIRCHILD-FSUSB63 Datasheet
1Mb / 3P
3:1 High-Speed USB 2.0 Switch / Multiplexer
FSUSB63UMX FAIRCHILD-FSUSB63UMX Datasheet
1Mb / 3P
3:1 High-Speed USB 2.0 Switch / Multiplexer
More results

Similar Description - FSUSB63

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54200 INTERSIL-ISL54200_07 Datasheet
1Mb / 16P
USB 2.0 High/Full Speed Multiplexer
July 11, 2007
ISL54220 INTERSIL-ISL54220 Datasheet
808Kb / 15P
High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54200 INTERSIL-ISL54200 Datasheet
1Mb / 18P
USB 2.0 High/Full Speed Multiplexer
logo
Fairchild Semiconductor
FSUSB63 FAIRCHILD-FSUSB63 Datasheet
1Mb / 3P
3:1 High-Speed USB 2.0 Switch / Multiplexer
FSUSB73 FAIRCHILD-FSUSB73 Datasheet
458Kb / 3P
3:1 High-Speed USB Multiplexer and Hub Routing Switch
FSUSB74 FAIRCHILD-FSUSB74 Datasheet
468Kb / 4P
4:1 High-Speed USB Multiplexer/Switch
FSUSB74MPX FAIRCHILD-FSUSB74MPX Datasheet
491Kb / 10P
4:1 High-Speed USB Multiplexer/Switch
logo
Renesas Technology Corp
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
High-Speed USB 2.0 (480Mbps) Multiplexer
logo
ON Semiconductor
FSUSB73 ONSEMI-FSUSB73 Datasheet
482Kb / 12P
3:1 High-Speed USB Multiplexer and Hub Routing Switch
April 2012 Rev. 1.0.2
FSUSB74 ONSEMI-FSUSB74 Datasheet
494Kb / 12P
4:1 High-Speed USB Multiplexer/Switch
April 2012 Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com