Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB63 Datasheet(PDF) 6 Page - ON Semiconductor

Part # FSUSB63
Description  3:1 High-Speed USB 2.0 Switch / Multiplexer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB63 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FSUSB63 Datasheet HTML 2Page - ON Semiconductor FSUSB63 Datasheet HTML 3Page - ON Semiconductor FSUSB63 Datasheet HTML 4Page - ON Semiconductor FSUSB63 Datasheet HTML 5Page - ON Semiconductor FSUSB63 Datasheet HTML 6Page - ON Semiconductor FSUSB63 Datasheet HTML 7Page - ON Semiconductor FSUSB63 Datasheet HTML 8Page - ON Semiconductor FSUSB63 Datasheet HTML 9Page - ON Semiconductor FSUSB63 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.onsemi.com
6
USB High-Speed Related AC Electrical Characteristics
Symbol
Parameter
Conditions
Vcc (V)
TA=- 40ºC to +85ºC
Units
Min.
Typ.
Max.
tSK(P)
Pulse Skew
(8)
VSW=0.2VdiffPP, Figure 11,
CL=5pF
3.0 to 3.6
10
ps
tSK(I)
Skew Betw een Differential
Signals w ithin a Pair
(8)
VSW=0.2VdiffPP,
Figure 11, CL=5pF
3.0 to 3.6
10
ps
Capacitance
Symbol
Parameter
Conditions
TA=- 40ºC to +85ºC
Units
Min.
Typ.
Max.
CiN
SEL[1:0] Input Capacitance
(8)
VCC=0V
3
pF
CON
D+/D- On Capacitance
(8)
VCC=3.3V, Any of the Three Sw itch
Paths Enabled, f=1MHz, Figure 17
6
VCC=3.3V, Any of the Three Sw itch
Paths Enabled, f=240MHz
(9)
5
COFF
HSD1n, HSD2n, HSD3n Off
Capacitance
(8)
VCC=0V or (VCC=3.3V and
SEL[1]=SEL[0]=0V) Figure 16
2
Notes:
8.
Guaranteed by characterization.
9.
Effective capacitance measured on a netw ork analyzer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com