Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9714CLGEFL/V Datasheet(PDF) 39 Page - Cirrus Logic

Part # WM9714CLGEFL/V
Description  AC??7 Audio Codec
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9714CLGEFL/V Datasheet(HTML) 39 Page - Cirrus Logic

Back Button WM9714CLGEFL/V Datasheet HTML 35Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 36Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 37Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 38Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 39Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 40Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 41Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 42Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 120 page
background image
WM9714L
Rev 4.0
39
TONE CONTROL / BASS BOOST
The WM9714L provides separate controls for bass and treble with programmable gains and filter
characteristics. This function operates on digital audio data before it is passed to the audio DACs.
Bass control can take two different forms:
Linear bass control: bass signals are amplified or attenuated by a user programmable gain.
This is independent of signal volume, and very high bass gains on loud signals may lead to
signal clipping.
Adaptive bass boost: The bass volume is amplified by a variable gain. When the bass
volume is low, it is boosted more than when the bass volume is high. This method is
recommended because it prevents clipping, and usually sounds more pleasant to the
human ear.
Treble control applies a user programmable gain, without any adaptive boost function.
Treble, linear bass and 3D enhancement can all produce signals that exceed full-scale. In order to
avoid limiting under these conditions, it is recommended to set the DAT bit to attenuate the digital
input signal by 6dB. The gain at the outputs should be increased by 6dB to compensate for the
attenuation. Cut-only tone adjustment (i.e. bass and treble gains
≤ 0) and adaptive bass boost cannot
produce signals above full-scale and therefore do not require the DAT bit to be set.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
20h
DAC Tone
Control
15
BB
0
Bass Mode Control
0 = Linear bass control
1 = Adaptive bass boost
12
BC
0
Bass Cut-off Frequency Control
0 = Low (130Hz at 48kHz sampling)
1 = High (200Hz at 48kHz sampling)
11:8
BASS
1111 (off)
Bass Intensity Control
BB=0
BB=0
0000 = +9dB
0001 = +9dB
… (1.5dB steps)
0111 = 0dB
… (1.5dB steps)
1011-1110 = -6dB
1111 = Bypass (off)
0000 = +9dB
0001 = +9dB
… (1.5dB steps)
0111 = 0dB
… (1.5dB steps)
1011-1110 = -6dB
1111 = Bypass (off)
6
DAT
0
Pre-DAC Attenuation Control
0 = 0dB
1 = -6dB
4
TC
0
Treble Cut-off Frequency Control
0 = High (8kHz at 48kHz sampling)
1 = Low (4kHz at 48kHz sampling)
3:0
TRBL
1111 (off)
Treble Intensity Control
0000 = +9dB
0001 = +9dB
… (1.5dB steps)
0111 = 0dB
… (1.5dB steps)
1011-1110 = -6dB
1111 = Bypass (off)
Table 17 DAC Tone Control
Note:
1.
All cut-off frequencies change proportionally with the DAC sample rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com