Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9714CLGEFL/V Datasheet(PDF) 24 Page - Cirrus Logic

Part # WM9714CLGEFL/V
Description  AC??7 Audio Codec
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9714CLGEFL/V Datasheet(HTML) 24 Page - Cirrus Logic

Back Button WM9714CLGEFL/V Datasheet HTML 20Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 21Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 22Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 23Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 24Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 25Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 26Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 27Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 120 page
background image
WM9714L
24
Rev 4.0
PLL REGISTER PAGE ADDRESS MAPPING
The clock division control bits SPLL[6:0] and the PLL fractional N division bits are accessed through
register 46h using a sub-page address system. The 3-bit pager address allows 8 blocks of 4-bit data
words to be accessed whilst the register address is set to 46h. This means that when register address
46h is selected a further 7 cycles of programming are required to set all of the page data bits. Control
bit allocation for these page addresses is described in Table 6.
PAGE
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
111
31:28
SPLL[6:4]
0h
Clock division control bus SPLL[6:0]. Clock
divider reads this control word if PLL is
enabled. Bits [6:4] and [3:0] have the same
functionality
as
44h
[14:12]
and
[11:8]
respectively
110
27:24
SPLL[3:0]
0h
101
23:22
Reserved
0h
Reserved bits
21:20
K[21:0]
0h
Sigma Delta Modulator control word for
fractional N division. Division resolution is
1/222
100
19:16
0h
011
15:12
0h
010
11:8
0h
001
7:4
0h
000
3:0
SPLL[3:0]
0h
Table 6 Pager Control Bit Allocation
Powerdown for the PLL and internal clocks is via registers 26h and 3Ch (see Table 7).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
26h
13
PR5
1 (Off)
Internal Clock Disable Control
1 = Disabled
0 = Enabled
3Ch
9
PLL
1 (Off)
PLL Disable Control
1 = Disabled
0 = Enabled
N.B. both PR5 and PLL must be asserted low before PLL is enabled
Table 7 PLL Powerdown Control
DIGITAL INTERFACES
The WM9714L
has two interfaces, a data and control AC’97 interface and a data only PCM interface.
The AC’97 interface is available through dedicated pins (SDATAOUT, SDATAIN, SYNC, BITCLK and
RESETB) and is the sole control interface with access to all data streams on the device except for the
Voice DAC. The PCM interface is available through the GPIO pins (PCMCLK, PCMFS, PCMDAC and
PCMADC) and provides access to the Voice DAC. It can also transmit the data from the Stereo ADC.
This can be useful, for example, to allow both sides of a phone conversation to be recorded by mixing
the transmit and receive paths on one of the ADC channels and transmitting it over the PCM interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com