Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9714CLGEFL/V Datasheet(PDF) 13 Page - Cirrus Logic

Part # WM9714CLGEFL/V
Description  AC??7 Audio Codec
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9714CLGEFL/V Datasheet(HTML) 13 Page - Cirrus Logic

Back Button WM9714CLGEFL/V Datasheet HTML 9Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 10Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 11Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 12Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 13Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 14Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 15Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 16Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 120 page
background image
WM9714L
Rev 4.0
13
SIGNAL RISE AND FALL TIMES
BITCLK
SYNC
SDATAIN
SDATAOUT
trise
CLK
tfall
CLK
trise
SYNC
tfall
SYNC
trise
DIN
tfall
DIN
trise
DOUT
tfall
DOUT
Figure 3 Signal Rise and Fall Times (50pF External Load)
Test Conditions
DBVDD = 3.3V, DCVDD = 3.3V, DGND1 = DGND2 = 0V, TA = -25C to +85C, unless otherwise
stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
BITCLK rise time
triseCLK
2
6
ns
BITCLK fall time
tfallCLK
2
6
ns
SYNC rise time
triseSYNC
6
ns
SYNC fall time
tfallSYNC
6
ns
SDATAIN rise time
triseDIN
2
6
ns
SDATAIN fall time
tfallDIN
2
6
ns
SDATAOUT rise time
triseDOUT
6
ns
SDATAOUT fall time
tfallDOUT
6
ns
AC-LINK POWERDOWN
SYNC
BITCLK
SDATAOUT
WRITE
TO 0X20
DATA PR4
DON'T
CARE
SDATAIN
SLOT 1
SLOT 2
t
S2_PDOWN
Figure 4 AC-Link Powerdown Timing
AC-Link powerdown occurs when PR4 (register 26h, bit 12) is set (see
“Power Management”).
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
End of Slot 2 to BITCLK and SDATAIN
low
tS2_PDOWN
1.0
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com