Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9714CLGEFL/V Datasheet(PDF) 76 Page - Cirrus Logic

Part # WM9714CLGEFL/V
Description  AC??7 Audio Codec
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9714CLGEFL/V Datasheet(HTML) 76 Page - Cirrus Logic

Back Button WM9714CLGEFL/V Datasheet HTML 72Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 73Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 74Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 75Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 76Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 77Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 78Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 79Page - Cirrus Logic WM9714CLGEFL/V Datasheet HTML 80Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 120 page
background image
WM9714L
76
Rev 4.0
POWER MANAGEMENT
INTRODUCTION
The WM9714
L includes the standard power down control register defined by the AC’97 specification
(register 26h). Additionally, it also allows more specific control over the individual blocks of the device
through register Powerdown registers 3Ch and 3Eh. Each particular circuit block is active when both
the relevant bit in register 26h AND the relevant bit in the Powerdown registers 3Ch and 3Eh are set
to ‘0’.
Note that the default power-up condition is all OFF.
AC97 CONTROL REGISTER
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
26h
Powerdown/
Status
register
14
PR6
1
(disabled)
Output PGAs Disable Control
1 = Disabled
0 = Enabled
13
PR5
1
(disabled)
Internal Clock Disable Control
1 = Disabled
0 = Enabled
12
PR4
1
(disabled)
AC-Link Disable Control
1 = Disabled
0 = Enabled
11
PR3
1
(disabled)
Analogue Disable Control
1 = Disabled
0 = Enabled
Note: This control disables VREF, input PGAs,
DACs, ADCs, mixers and outputs
10
PR2
1
(disabled)
Input PGAs and Mixers Disable Control
1 = Disabled
0 = Enabled
9
PR1
1
(disabled)
Stereo DAC Disable Control
1 = Disabled
0 = Enabled
8
PR0
1
(disabled)
Stereo ADC and Record Mux Disable Control
1 = Disabled
0 = Enabled
3
REF
0
VREF Ready (Read Only)
1 = VREF ready
0 = VREF not ready
2
ANL
0
Analogue Mixers Ready (Read Only)
1 = Analogue mixers ready
0 = Analogue mixers not ready
1
DAC
0
Stereo DAC Ready (Read Only)
1 = DAC ready
0 = DAC not ready
0
ADC
0
Stereo ADC Ready (Read Only)
1 = ADC ready
0 = ADC not ready
Table 59
Powerdown and Status Register (Conforms to AC’97 Rev 2.2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com