Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH35C Datasheet(PDF) 9 Page - Hirose Electric

Part # FH35C
Description  0.3 mm pitch, 0.9 mm height, back flip type dual-sided FPC connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH35C Datasheet(HTML) 9 Page - Hirose Electric

Back Button FH35C Datasheet HTML 4Page - Hirose Electric FH35C Datasheet HTML 5Page - Hirose Electric FH35C Datasheet HTML 6Page - Hirose Electric FH35C Datasheet HTML 7Page - Hirose Electric FH35C Datasheet HTML 8Page - Hirose Electric FH35C Datasheet HTML 9Page - Hirose Electric FH35C Datasheet HTML 10Page - Hirose Electric FH35C Datasheet HTML 11Page - Hirose Electric FH35C Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FH35C Series●0.3 mm pitch, 0.9 mm height, back flip type dual-sided FPC connector
[Operational Method]
BConnector Handling and Precautions
1. Initial mounted status (before inserting FPC)
2. FPC insertion method
3. Confirmation of inserted FPC (when the top contact is used)
These connectors are delivered with the actuator in an open
position,removing the need to operate the actuator before inserting
the FPC.
[Caution]
•Do not close the actuator if the FPC has not been inserted yet.
•If the actuator is closed without the FPC, it can narrow the contact
gap and increases the insertion force.
❶ Ensure that the FPC is held parallel to the surface of the PCB and is then completely inserted into the
connector.
[Caution]
•Do not insert the FPC if actuator is closed.
•If the actuator is closed and if the FPC is twisted during insertion, it can cause contact deformation and / or
contact failure.
Proper insertion
Skewed insertion
Shallow insertion
❶ By visually comparing the edge of the connector housing opening with the exposed FPC pattern, faulty
insertion conditions such as a skewed or shallow insertion can be prevented.
These connectors are small and thin, so care needs to be used when handling this
product. Please refer to this section after confirming the following points:
❶
FPC
FPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com